công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS2000CP-CZZR bảng dữ liệu(PDF) 13 Page - Cirrus Logic

tên linh kiện CS2000CP-CZZR
Giải thích chi tiết về linh kiện  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000CP-CZZR bảng dữ liệu(HTML) 13 Page - Cirrus Logic

Back Button CS2000CP-CZZR Datasheet HTML 9Page - Cirrus Logic CS2000CP-CZZR Datasheet HTML 10Page - Cirrus Logic CS2000CP-CZZR Datasheet HTML 11Page - Cirrus Logic CS2000CP-CZZR Datasheet HTML 12Page - Cirrus Logic CS2000CP-CZZR Datasheet HTML 13Page - Cirrus Logic CS2000CP-CZZR Datasheet HTML 14Page - Cirrus Logic CS2000CP-CZZR Datasheet HTML 15Page - Cirrus Logic CS2000CP-CZZR Datasheet HTML 16Page - Cirrus Logic CS2000CP-CZZR Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
CS2000-CP
DS761F3
13
Figure 8. Hybrid Analog-Digital PLL
4.2.1
Fractional-N Source Selection for the Frequency Synthesizer
The fractional-N value for the frequency synthesizer can be sourced from either a static ratio or a dynamic
ratio generated from the digital PLL (see Figure 9). This allows for the selection between operating in the
static ratio based Frequency Synthesizer Mode as a simple frequency synthesizer (for frequency gener-
ation from the Timing Reference Clock) and in the dynamic ratio based Hybrid PLL Mode (for jitter reduc-
tion and clock multiplication). Selection between these two modes can either be made automatically
based on the presence of the Frequency Reference Clock or manually through register controls.
.
Figure 9. Fractional-N Source Selection Overview
N
Digital Filter
Frequency
Comparator for
Frac-N Generation
Frequency Reference
Clock
Delta-Sigma Fractional-N Frequency Synthesizer
Digital PLL and Fractional-N Logic
Output to Input Ratio for Hybrid mode
Fractional-N
Divider
Timing Reference
Clock
PLL Output
Voltage Controlled
Oscillator
Internal
Loop Filter
Phase
Comparator
Delta-Sigma
Modulator
Frequency Reference Clock
Output to Input ratio for Hybrid Mode
Timing Reference Clock
PLL Output
Fractional-N
Frequency Synthesizer
Digital PLL & Fractional-N Logic
Output to Input Ratio for Synthesizer Mode
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com