| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
305041 bảng dữ liệu(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
305041 bảng dữ liệu(HTML) 4 Page - Tyco Electronics |
|
4 / 6 page ![]() 408- 1634 Die Assemblies 45218, 45221, 69303- 2, and 69820 Rev C 4 of 6 Tyco Electronics Corporation NO--GO Dia GO Dia Suggested Plug Gage Design for Wire Barrel Section 25.4 [1.0] Min Typ Die Closure Configuration DIE ASSEMBLY GAGE ELEMENT DIAMETER DIE ASSEMBLY GO NO--GO 45218 2.3114--2.3190 [.0910--.0913] 2.4613--2.4638 [.0969--.0970] 45221 3.1242--3.1318 [.1230--.1233] 3.2741--3.2766 [.1289--.1290] 69303--2 2.6670--2.6746 [.1050--.1053] 2.8169--2.8194 [.1109--.1110] 69820 2.6670--2.6746 [.1050--.1053] 2.8169--2.8194 [.1109--.1110] NO--GO Dia GO Dia Suggested Plug Gage Design for Insulation Barrel Section 6.35 [.250] Min Typ Die Closure Configuration W DIE GAGE ELEMENT DIAMETER DIMENSION “W” WIDTH DIE ASSEMBLY GO NO--GO “W” WIDTH (Max) 69820 3.7846--3.7922 [.1490--.1493] 4.2901--4.2926 [.1689--.1690] 7.49 [.295] Figure 6 Figure 7 GO Element NO--GO Element Wire barrel GO element must pass completely through the crimping chamber. NO--GO element may enter partially, but must not pass completely through the crimping chamber. Crimping Chamber Inspection of Crimping Chamber 4. In the same manner, try to insert the NO--GO element into the crimping chamber. The NO--GO element may enter partially, but must not pass completely through the length of the crimping chamber. See Figure 7. If the crimping chamber conforms to the gage inspection, the dies may be considered dimensionally correct and should be lubricated with a THIN coat of any good SAE 20 motor oil. If the crimping chamber does NOT conform to the gage inspection, the die assembly must be returned for repair. See Section 7. For additional information regarding the use of a plug gage, refer to 408--7424. 7. REPLACEMENT AND REPAIR Customer--replaceable parts are listed in Figure 8. A complete inventory should be stocked and controlled to prevent lost time when replacement of parts is necessary. Order replacement parts or additional dies through your representative, or call 1--800--526--5142, or send a facsimile of your purchase order to 717--986--7605 or write to: CUSTOMER SERVICE (038--035) TYCO ELECTRONICS CORPORATION PO BOX 3608 HARRISBURG PA 17105--3608 For customer repair service, call 1--800--526--5136. 8. REVISION SUMMARY Revisions to this instruction sheet include: S Updated instruction sheet to corporate requirements |