công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCB-REL bảng dữ liệu(PDF) 2 Page - TE Connectivity Ltd

tên linh kiện PCB-REL
Giải thích chi tiết về linh kiện  Especially suited for applications white goods consumer electronics, etc.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCB-REL bảng dữ liệu(HTML) 2 Page - TE Connectivity Ltd

  PCB-REL Datasheet HTML 1Page - TE Connectivity Ltd PCB-REL Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature PCB Relay REL (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
according EN60335, par.30
Ambient temperature
-40 to +85°C
Category of environmental protection
IEC 61810
RTII - flux proof
Shock resistance (destructive)
100 g
Terminal type
PCB-THT
Weight
5g
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging/unit
tube/25
Dimensions
PCB layout / terminal assignment
Bottom view on solder pins
Product code
Version
Contacts
Contact material
Coil
Part number
REL34006
flux proof
1 form A
AgNi90/10
6VDC
3-1415535-5
REL34012
1 NO contact
12VDC
3-1415535-6
REL34024
24VDC
3-1415535-7
REL34048
48VDC
3-1415535-8
REL30006
AgCdO
6VDC
1393218-2
REL30012
12VDC
4-1393217-6
REL30024
24VDC
4-1393217-7
REL30048
48VDC
1393218-3
Product code structure
Typical product code
REL
3
4
024
Type
REL Miniature PCB Relay REL
Contact arrangement
3
1 form A (NO) contact
Contact material
4
AgNi 90/10
0
AgCdO
Coil
Coil code: please refer to coil versions table



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com