| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO bảng dữ liệu(PDF) 2 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
ISO bảng dữ liệu(HTML) 2 Page - TE Connectivity Ltd |
|
2 / 2 page ![]() 2 01-2012, Rev. 0112 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Datasheets and product specification ac- cording to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. Connectors for Mini ISO Relays Automotive Relays Accessories Selection of fitting crimp terminals2) (Ph. bronze tin plated)3) Part numbers for connectors Terminal size Wire mm² Use for Quantity required Use in cavities Part number for crimp terminals Product code Part number Form A Form C Form A Form C V23333-Z0002-A041 2-1904045-4 – – – – – – – – V23333-Z0001-A007 1-1904045-1 6.3 x 0.8 6.3 x 0.8 0.5 - 1.5 1.0 - 2.5 Coil Load 2 2 2 3 1 and 2 3 and 5 1 and 2 3,4 and 5 5-160526-9 160927-4 V23333-Z1001-A008 1-1904045-2 6.3 x 0.8 6.3 x 0.8 0.5 - 1.5 1.0 - 2.5 Coil Load 2 2 2 3 1 and 2 3 and 5 1 and 2 3,4 and 5 5-160526-9 160927-4 2) Crimp terminals to be ordered separately. 3) Mentioned crimp terminals are delivered in strip-form, loose pieces and hand tool available on request. Connector with mounting flap V23333-Z1001-A008 To be mounted individually or can be interlocked. Terminals to be ordered separately. 333_8_DD2 |