công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ALC40EB181EB500 bảng dữ liệu(PDF) 3 Page - Kemet Corporation

tên linh kiện ALC40EB181EB500
Giải thích chi tiết về linh kiện  Snap-In Aluminum Electrolytic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40EB181EB500 bảng dữ liệu(HTML) 3 Page - Kemet Corporation

  ALC40EB181EB500 Datasheet HTML 1Page - Kemet Corporation ALC40EB181EB500 Datasheet HTML 2Page - Kemet Corporation ALC40EB181EB500 Datasheet HTML 3Page - Kemet Corporation ALC40EB181EB500 Datasheet HTML 4Page - Kemet Corporation ALC40EB181EB500 Datasheet HTML 5Page - Kemet Corporation ALC40EB181EB500 Datasheet HTML 6Page - Kemet Corporation ALC40EB181EB500 Datasheet HTML 7Page - Kemet Corporation ALC40EB181EB500 Datasheet HTML 8Page - Kemet Corporation ALC40EB181EB500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
Test Method & Performance
Endurance Life Test
Conditions
Performance
Temperature
+105°C
Test Duration
5,000 hours
Ripple Current
Rated ripple current in specified table
Voltage
The sum of DC voltage and the peak AC voltage must not exceed the rated voltage of the capacitor
Performance
The following specifications will be satisfied when the capacitor is tested at +20°C:
Capacitance Change
≤ 160 V
Within 15% of the initial value
> 160 V
Within 10% of the initial value
Equivalent Series Resistance
Does not exceed 200% of the initial value
Leakage Current
Does not exceed leakage current limit
Dimensions – Millimeters
Size Code
Dimensions in mm
Approximate
Weight
Grams
D
L
-0/+1
±2
BB
25
30
28
BC
25
35
30
BD
25
40
35
CB
30
30
35
CC
30
35
40
CD
30
40
45
CE
30
45
50
CF
30
50
55
DB
35
30
42
DC
35
35
50
DD
35
40
55
DE
35
45
65
DF
35
50
70
DG
35
55
75
DH
35
60
80
DL
35
80
105
EB
40
30
49
EC
40
35
57
ED
40
40
65
EE
40
45
80
EF
40
50
82
EG
40
55
95
Note: Dimensions include sleeving
Size Code
Dimensions in mm
Approximate
Weight
Grams
D
L
-0/+1
±2
EH
40
60
98
EL
40
80
131
EP
40
105
170
FB
45
30
62
FC
45
35
72
FD
45
40
82
FE
45
45
92
FF
45
50
103
FG
45
55
113
FH
45
60
123
FL
45
80
164
FP
45
105
215
KB
50
30
75
KC
50
35
88
KD
50
40
100
KE
50
45
113
KF
50
50
126
KG
50
55
138
KH
50
60
151
KL
50
80
201
KP
50
105
264
Note: Dimensions include sleeving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com