công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

175643 bảng dữ liệu(PDF) 11 Page - Tyco Electronics

tên linh kiện 175643
Giải thích chi tiết về linh kiện  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

175643 bảng dữ liệu(HTML) 11 Page - Tyco Electronics

Back Button 175643 Datasheet HTML 7Page - Tyco Electronics 175643 Datasheet HTML 8Page - Tyco Electronics 175643 Datasheet HTML 9Page - Tyco Electronics 175643 Datasheet HTML 10Page - Tyco Electronics 175643 Datasheet HTML 11Page - Tyco Electronics 175643 Datasheet HTML 12Page - Tyco Electronics 175643 Datasheet HTML 13Page - Tyco Electronics 175643 Datasheet HTML 14Page - Tyco Electronics 175643 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Product Specification
108-5246
Rev. L
11 of 21
3.6
製品認定試験と製品再確認試験の試験順序
3.6
Product Qualification
and Requalification Tests
試験グループ/Test Group(a)
試験項目
Test Examination
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
試験順序/Test Sequence (b)
製品の確認
Examination of Product
1,6 1,3 1,5 1,5 1,5 1,5 1,5 1,5 1,5
1
1
1,5 1,5 1,5 1,5 1,3 1.3
総合抵抗
(ローレベル)
Termination Resistance
(Low Level)
2,4 2,4 2,4 2,4 2,4 2,4 2,4
2,4 2,4 2,4 2,4
絶縁抵抗
Insulation Resistance
2,5
耐電圧
Dielectric withstanding
Voltage
3
温度上昇
Temperature Rising
vs Current
2
耐湿性 (定常状態)
Humidity (Steady State)
4
3
耐熱性
Heat Resistivity
3
熱衝撃
Thermal Shock
3
耐寒性
Resistance to Cold
3
塩水噴霧
Salt Spray
3
耐アンモニア性
Ammonia Gas Resistivity
3
耐SO
2ガス性
SO
2 Gas Resistivity
3
コンタクト保持力
Contact Retention Force
2
コネクタ挿抜力
Mating/Unmating Force
2
挿抜耐久性
Durability
3
低周波振動
Vibration (Low Frequency)
3
微加振動
(ハンマー衝撃)
Hammering Shocks
3
耐衝撃性
Physical Shocks
3
はんだ付け性
Solderability
2
はんだ耐熱性
Resistance to Soldering
Heat
2
(a)第4.1.A項参照/See Par.4.1.A
(b)欄内の数字は試験の順序を示す。/Numbers indicate sequence in which the tests are performed.
Fig.3
4.
品質保証条項
4.
Quality Assurance Provisions
4.1 製品認定試験
4.1 Qualification Testing
A. 試料の選定
コネクタとコンタクトは該当する取扱説明書に従って作成準備されること。試料は現行の生産システムから無
作為抽出で選定されること。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21