công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LCT bảng dữ liệu(PDF) 5 Page - TE Connectivity Ltd

tên linh kiện LCT
Giải thích chi tiết về linh kiện  Low Profile Filtered Modular Jacks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LCT bảng dữ liệu(HTML) 5 Page - TE Connectivity Ltd

  LCT Datasheet HTML 1Page - TE Connectivity Ltd LCT Datasheet HTML 2Page - TE Connectivity Ltd LCT Datasheet HTML 3Page - TE Connectivity Ltd LCT Datasheet HTML 4Page - TE Connectivity Ltd LCT Datasheet HTML 5Page - TE Connectivity Ltd LCT Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Corcom Product Guide
258
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Model Dimensions (continued)
RJ11 Low Profile, Style 4 Shield
RJ45 – Low Profile, No Shield
RJ11 Low Profile, PC Board Layout
RJ45 – Low Profile, Style 3 Shield
.70
17.78
.60
15.24
.485
12.32
.010
.254
.710
18.03
.165
4.2
.135
3.5
.217
5.51
.40
10.16
.620
15.75
6
4
2
5
3
1
.515*
13.08
.740
18.80
.120
3.05
.010
.25
.217
5.51
.430
10.92
.550
13.97
.135
3.43
.165
4.19
*to top of shield
.99
25.15
7
5
3
1
8
6
4
2
.120
3.05
.740
18.80
.135
3.43
.430
10.92
.217
5.51
.630
16.00
.165
.4.19
.515*
13.08
Max.
*to top of shield
.217
5.51
(5 SPACES)
.030 + .008/- .003 Dia.
Dia.
(6 PLACES)
.120
3.05
.128±.003
3.25±.08
(2 HOLES)
.076±.003
1.93±.08
Dia.
(2 PLACES)
.075
1.91
2
4
6
1
3
5
.350
8.89
.050
1.27
.250
6.35
.76 +.20/-.08
.080
2.03
.400
10.16
Part No.
RJ11-6N4-B
RJ11-6Z4
For all RJ11 N and Z Series Models
Shown from Component Side
Part No.
RJ45-8N-B
RJ45-8N-S
RJ45-8Z
Part No.
RJ45-8N3-B
RJ45-8N3-S
RJ45-8Z3
      
N and Z Series RJ Jack Dimensions (continued)



Html Pages

1 2 3 4 5 6