| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1908 bảng dữ liệu(PDF) 6 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
1908 bảng dữ liệu(HTML) 6 Page - TT Electronics. |
|
6 / 7 page ![]() Tubular Vitreous Enamelled Wirewound Resistors 1600/1900 Series Tubular Vitreous Enamelled Wirewound Resistors 1600/1900 Series © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com 126 09.09 Welwyn Components Bracket Type A B C D E ref. nom nom nom nom nom MD40 1600 78 92 10 20 4.2 1905 73 87 1601 50 64 1602 68 82 MD41 1603 91 105 13 20 4.2 1604 119 133 1906 81 95 MD42 1605 106 120 1606 183 197 20 25 5.2 1908 119 133 1607 121 143 MD43 1608 171 193 28 30 5.2 1609 235 257 Ordering Procedure Mounting brackets should be ordered in units and the type reference specified. Ordering Procedure Mounting clips (and auxiliary locking springs when required) should be ordered in units and the type reference specified. Ordering Procedure Mounting plugs are denoted by the prefix ‘F’ added to the size reference; e.g. BF1602 and APF1602. Clip Type A B C D E F G H J K Auxiliary ref. type nom. max nom. max max max ±0.2 dia dia nom locking spring ref 1601 52 68 1602 70 86 MD1 1603 90 106 29 19 17.5 14.5 4.8 4.0 3.9 7.2 MD16 MD4 1604 121 137 1605 108 128 1906 83 99 1607 125 146 MD3 1608 176 197 49 33 32.0 19.0 6.4 4.0 6.3 9.5 MD18 MD6 1609 240 261 Table 6 mounting clip dimension (mm) See Fig. 11 Table 7 Mounting brackets dimensions (mm). See Fig. 12. Table 8 Mounting plug dimensions (mm) See Fig. 13. These mounting clips are suitable for termination styles C, CB and CP. MD4, 5 and 6 have an ear formed in the bottom surface of the bracket to prevent rotation of the mounting plate. The auxiliary locking springs ensure positive retention of the tube under severe mechanical shock conditions. See Figure 11. These brackets are suitable for termination styles B, 4B, AP & AW F type bushes are suitable for termination styles B, 4B AP and AW Type A B C Min. Max. 1601 1602 1603 1.6 3.7 5.3 M4 1604 1906 1605 1606 1.6 3.7 5.3 M5 1908 1607 1608 3.2 5.2 6.8 M6 1609 Tubular Vitreous Enamelled Wirewound Resistors 1600/1900 Series © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com 126 09.09 Welwyn Components Bracket Type A B C D E ref. nom nom nom nom nom MD40 1600 78 92 10 20 4.2 1905 73 87 1601 50 64 1602 68 82 MD41 1603 91 105 13 20 4.2 1604 119 133 1906 81 95 MD42 1605 106 120 1606 183 197 20 25 5.2 1908 119 133 1607 121 143 MD43 1608 171 193 28 30 5.2 1609 235 257 Ordering Procedure Mounting brackets should be ordered in units and the type reference specified. Ordering Procedure Mounting clips (and auxiliary locking springs when required) should be ordered in units and the type reference specified. Ordering Procedure Mounting plugs are denoted by the prefix ‘F’ added to the size reference; e.g. BF1602 and APF1602. Clip Type A B C D E F G H J K Auxiliary ref. type nom. max nom. max max max ±0.2 dia dia nom locking spring ref 1601 52 68 1602 70 86 MD1 1603 90 106 29 19 17.5 14.5 4.8 4.0 3.9 7.2 MD16 MD4 1604 121 137 1605 108 128 1906 83 99 1607 125 146 MD3 1608 176 197 49 33 32.0 19.0 6.4 4.0 6.3 9.5 MD18 MD6 1609 240 261 Table 6 mounting clip dimension (mm) See Fig. 11 Table 7 Mounting brackets dimensions (mm). See Fig. 12. Table 8 Mounting plug dimensions (mm) See Fig. 13. These mounting clips are suitable for termination styles C, CB and CP. MD4, 5 and 6 have an ear formed in the bottom surface of the bracket to prevent rotation of the mounting plate. The auxiliary locking springs ensure positive retention of the tube under severe mechanical shock conditions. See Figure 11. These brackets are suitable for termination styles B, 4B, AP & AW F type bushes are suitable for termination styles B, 4B AP and AW Type A B C Min. Max. 1601 1602 1603 1.6 3.7 5.3 M4 1604 1906 1605 1606 1.6 3.7 5.3 M5 1908 1607 1608 3.2 5.2 6.8 M6 1609 Tubular Vitreous Enamelled Wirewound Resistors 1600/1900 Series © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com 126 09.09 Welwyn Components Bracket Type A B C D E ref. nom nom nom nom nom MD40 1600 78 92 10 20 4.2 1905 73 87 1601 50 64 1602 68 82 MD41 1603 91 105 13 20 4.2 1604 119 133 1906 81 95 MD42 1605 106 120 1606 183 197 20 25 5.2 1908 119 133 1607 121 143 MD43 1608 171 193 28 30 5.2 1609 235 257 Ordering Procedure Mounting brackets should be ordered in units and the type reference specified. Ordering Procedure Mounting clips (and auxiliary locking springs when required) should be ordered in units and the type reference specified. Ordering Procedure Mounting plugs are denoted by the prefix ‘F’ added to the size reference; e.g. BF1602 and APF1602. Clip Type A B C D E F G H J K Auxiliary ref. type nom. max nom. max max max ±0.2 dia dia nom locking spring ref 1601 52 68 1602 70 86 MD1 1603 90 106 29 19 17.5 14.5 4.8 4.0 3.9 7.2 MD16 MD4 1604 121 137 1605 108 128 1906 83 99 1607 125 146 MD3 1608 176 197 49 33 32.0 19.0 6.4 4.0 6.3 9.5 MD18 MD6 1609 240 261 Table 6 mounting clip dimension (mm) See Fig. 11 Table 7 Mounting brackets dimensions (mm). See Fig. 12. Table 8 Mounting plug dimensions (mm) See Fig. 13. These mounting clips are suitable for termination styles C, CB and CP. MD4, 5 and 6 have an ear formed in the bottom surface of the bracket to prevent rotation of the mounting plate. The auxiliary locking springs ensure positive retention of the tube under severe mechanical shock conditions. See Figure 11. These brackets are suitable for termination styles B, 4B, AP & AW F type bushes are suitable for termination styles B, 4B AP and AW Type A B C Min. Max. 1601 1602 1603 1.6 3.7 5.3 M4 1604 1906 1605 1606 1.6 3.7 5.3 M5 1908 1607 1608 3.2 5.2 6.8 M6 1609 07.16 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronicsresistors.com BI Technologies IRC Welwyn |