| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS94228 bảng dữ liệu(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94228 bảng dữ liệu(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 17 page ![]() 7 ICS94228 0447E—05/07/04 Byte 1: CPU, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B1 4 , 2 41 0 C K L C U P C , 0 T K L C U P C 6 t i B8 3 , 9 31 0 C S C _ K L C U P C , 0 T S C _ K L C U P C 5 t i B6 1 z H M 8 4 4 t i B7 1 z H M 8 4 _ 4 2 3 t i B- 1 ) k c a b d a e r ( 0 S F 2 t i B8 21 2 P G A 1 t i B7 21 1 P G A 0 t i B6 21 0 P G A Byte 2: PCI, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B0 21 7 K L C I C P 6 t i B8 11 6 K L C I C P 5 t i B7 11 5 K L C I C P 4 t i B6 11 4 K L C I C P 3 t i B4 11 3 K L C I C P 2 t i B3 11 2 K L C I C P 1 t i B1 11 1 K L C I C P 0 t i B0 11 0 K L C I C P Notes: 1. Inactive means outputs are held LOW and are disabled from switching. Byte 4: Watch Dog Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 ) k c a b d a e r ( # 8 4 _ 4 2 L E S 6 t i B- 0 ) k c a b d a e r ( 3 S F 5 t i B- 0 : s u t a t s g o d h c t a W m r a l A = 1 l a m r o N = 0 4 t i B- 1 1 B S S 3 t i B- 1 3 S F 2 t i B- 1 2 S F 1 t i B- 1 1 S F 0 t i B- 1 0 S F Byte 5: Vendor Specific Feature, Active/Inactive Register (1= enable, 0 = disable) Byte 3: PCI, REF, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B9 1 F _ K L C I C P 6 t i B2 21 E _ 9 K L C I C P 5 t i B- 1 ) k c a b d a e r ( 1 S F 4 t i B1 21 8 K L C I C P 3 t i B6 41 F _ F E R 2 t i B- 1 ) k c a b d a e r ( 2 S F 1 t i B7 41 1 F E R 0 t i B8 41 0 F E R T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 D I e c i v e D 6 t i B- 0 5 t i B- 0 4 t i B- 1 3 t i B- 0 D I r o d n e V 2 t i B- 0 1 t i B- 0 0 t i B- 1 Byte 6: Vendor ID1 , Active/Inactive Register (1= enable, 0 = disable) Note: Don’t write into this register, writing into this register can cause malfunction T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 e l b a n e g o d h c t a W p o t s : 0 t r a t s : 1 6 t i B- 0 e l b a n e m a r g o r p N / M 5 t i B- 0 f o n o i t a t n e s e r p e r l a m i c e d e h T o t d n o p s e r r o c s t i b 8 e s e h t g o d h c t a w e h t s m 1 r o s m 0 9 2 s e o g t i e r o f e b t i a w l l i w r e m i t e h t t e s e r d n a e d o m m r a l a o t . g n i t t e s e f a s e h t o t y c n e u q e r f X 8 s i p u r e w o p t a t l u a f e D . s d n o c e s 6 . 4 = s m 0 8 5 4 t i B- 0 3 t i B- 1 2 t i B- 0 1 t i B- 0 0 t i B- 0 |