| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C4SMN-RJF bảng dữ liệu(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMN-RJF bảng dữ liệu(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMN-RJF/GJF/BJF ORDER CODE TABLE* C4SMN Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMN-RJF-CT2V1BB1 1205 2347 RB 619 RB 624 Bulk Red C4SMN-RJF-CT24QBB1 Any 4 consecutive sub-bins: T2(1205) - U3(1976) RB 619 RB 624 Bulk Red C4SMN-RJF-CT34QBB1 Any 4 consecutive sub-bins: T3(1310) - U4(2130) RB 619 RB 624 Bulk Red C4SMN-RJF-CT2V1BB2 1205 2347 RB 619 RB 624 Ammo Red C4SMN-RJF-CT24QBB2 Any 4 consecutive sub-bins: T2(1205) - U3(1976) RB 619 RB 624 Ammo Red C4SMN-RJF-CT34QBB2 Any 4 consecutive sub-bins: T3(1310) - U4(2130) RB 619 RB 624 Ammo Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMN-GJF-CV4X3791 2781 5440 G7 520 G9 535 Bulk Green C4SMN-GJF-CW14Q7C1 Any 4 consecutive sub-bins: W1(3000) - X2(5020) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMN-GJF-CW24Q7C1 Any 4 consecutive sub-bins: W2(3295) - X3(5440) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMN-GJF-CV4X3792 2781 5440 G7 520 G9 535 Ammo Green C4SMN-GJF-CW14Q7C2 Any 4 consecutive sub-bins: W1(3000) - X2(5020) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMN-GJF-CW24Q7C2 Any 4 consecutive sub-bins: W2(3295) - X3(5440) Any 1 color bin from G7 (520) to G9 (535) Ammo |