| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C4SMB-RGF bảng dữ liệu(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMB-RGF bảng dữ liệu(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMB-RGF/GGF/BGF ORDER CODE TABLE* C4SMB-RGF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMB-RGF-CU4X1BB1 1976 4600 RB 619 RB 624 Bulk Red C4SMB-RGF-CV14QBB1 Any 4 consecutive sub-bins: V1(2130) - W2(3590) RB 619 RB 624 Bulk Red C4SMB-RGF-CV24QBB1 Any 4 consecutive sub-bins: V2(2347) - W3(3885) RB 619 RB 624 Bulk Red C4SMB-RGF-CU4X1BB2 1976 4600 RB 619 RB 624 Ammo Red C4SMB-RGF-CV14QBB2 Any 4 consecutive sub-bins: V1(2130) - W2(3590) RB 619 RB 624 Ammo Red C4SMB-RGF-CV24QBB2 Any 4 consecutive sub-bins: V2(2347) - W3(3885) RB 619 RB 624 Ammo C4SMB-GGF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMB-GGF-CX3Z4791 5020 12000 G7 520 G9 535 Bulk Green C4SMB-GGF-CX44Q7C1 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMB-GGF-CX44Q7S1 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMB-GGF-CX44Q8S1 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G8 (525) to G9 (535) Bulk Green C4SMB-GGF-CY14Q7C1 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMB-GGF-CY14Q7S1 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMB-GGF-CY14Q8S1 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G8 (525) to G9 (535) Bulk Green C4SMB-GGF-CX3Z4792 5020 12000 G7 520 G9 535 Ammo Green C4SMB-GGF-CX44Q7C2 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMB-GGF-CX44Q7S2 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMB-GGF-CX44Q8S2 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G8 (525) to G9 (535) Ammo Green C4SMB-GGF-CY14Q7C2 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMB-GGF-CY14Q7S2 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMB-GGF-CY14Q8S2 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G8 (525) to G9 (535) Ammo |