| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT48R10A bảng dữ liệu(PDF) 39 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R10A bảng dữ liệu(HTML) 39 Page - Holtek Semiconductor Inc |
|
39 / 42 page ![]() SUB A,x Subtract immediate data from the accumulator Description The immediate data specified by the code is subtracted from the contents of the accumulator, leaving the result in the accumulator. Operation ACC ¬ ACC+x+1 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ÖÖÖÖ SWAP [m] Swap nibbles within the data memory Description The low-order and high-order nibbles of the specified data memory (one of the data memories) are interchanged. Operation [m].3~[m].0 « [m].7~[m].4 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SWAPA [m] Swap data memory and place result in the accumulator Description The low-order and high-order nibbles of the specified data memory are inter- changed, writing the result to the accumulator. The contents of the data memory remain unchanged. Operation ACC.3~ACC.0 ¬ [m].7~[m].4 ACC.7~ACC.4 ¬ [m].3~[m].0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SZ [m] Skip if data memory is 0 Description If the contents of the specified data memory are 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Operation Skip if [m]=0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ HT48R10A-1 Rev. 1.20 39 July 2, 2001 |