công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LR18220G-XX-S08-R bảng dữ liệu(PDF) 3 Page - Unisonic Technologies

tên linh kiện LR18220G-XX-S08-R
Giải thích chi tiết về linh kiện  Guaranteed Output Current of 2A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18220G-XX-S08-R bảng dữ liệu(HTML) 3 Page - Unisonic Technologies

  LR18220G-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies LR18220G-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies LR18220G-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies LR18220G-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LR18220
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R102-073.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage (Survival)
VIN
6
V
Enable Input Voltage (Survival)
VEN
6
V
Maximum Output Current
IMAX
2
A
Lead Temperature (Soldering, 5 sec)
TL
260
°C
Operating Junction Temperature
TJ
-40 ~ 125
°C
Storage Temperature
TSTG
-65 ~ 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
68
°C/W
ELECTRICAL CHARACTERISTICS
(Limits in standard typeface are for TJ=25°C, unless otherwise specified.)
(VIN (Note 1) =VO (NOM) +1V, IL=10mA, CIN=10uF, COUT=10uF, VEN=VIN-0.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage Tolerance
VO
VOUT+1V<VIN<5.5V
-3
0
3
%
Adjustable Pin Voltage
VADJ
2.5V<VIN<5.5V
0.776
0.8
0.824
V
Line Regulation
∆VLINE
VOUT+1V<VIN<5.5V
0.15
0.40
V/%
Load Regulation (Note 2)
∆VLOAD
10mA<IL<2A
0.20
0.60
%
IL=200mA
45
65
Dropout Voltage (Note 3)
VDROP
IL=2A
400
600
mV
IL=200mA
0.30
1.0
Ground Pin Current
IGND
IL=2A
0.30
1.0
mA
Ground Pin Current
IGND_OFF
VEN<0.2V
0.5
2
uA
f=1kHz
55
Power Supply Rejection Ratio
PSRR
f=1kHz, CFF=1uF
65
dB
Current Limit
ILIMIT
4
A
Thermal Shutdown Temperature
TSD
170
°C
Logic Low
VIL
Output=Low
0.4
V
Enable threshold
Logic High
VIH
Output=High
2.0
V
Enable Input Current
IEN
VEN=VIN
-1
0
1
uA
Notes: 1. The minimum operating value for input voltage is equal to either (VOUT, NOM+VDROP) or 2.5V, whichever is
greater.
2. Regulation is measured at constant junction temperature by using a 10ms current pulse. Devices are
tested for load regulation in the load range from 10mA to 2A.
3. Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2%
below the nominal value. Dropout voltage specification applies only to output voltages of 2.5V and above.
For output voltages below 2.5V, the dropout voltage is nothing but the input to output differential, since
the minimum input voltage is 2.5V.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com