công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM391 bảng dữ liệu(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM391
Giải thích chi tiết về linh kiện  LM391 Audio Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM391 bảng dữ liệu(HTML) 11 Page - National Semiconductor (TI)

Back Button LM391 Datasheet HTML 4Page - National Semiconductor (TI) LM391 Datasheet HTML 5Page - National Semiconductor (TI) LM391 Datasheet HTML 6Page - National Semiconductor (TI) LM391 Datasheet HTML 7Page - National Semiconductor (TI) LM391 Datasheet HTML 8Page - National Semiconductor (TI) LM391 Datasheet HTML 9Page - National Semiconductor (TI) LM391 Datasheet HTML 10Page - National Semiconductor (TI) LM391 Datasheet HTML 11Page - National Semiconductor (TI) LM391 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Hints (Continued)
The formulas for RE R1 and R2 do not change
RE e
065
3A
e
022X
R2 e 1k
R1 e 1k
80 b 065
065
e
120k
The formula for R3 now gives RTH when the Va in the for-
mula becomes VB
RTH e R2
VB
IL RE b w
b
1
(
e
1k
47
11 (022) b 065
b
1
( e2555k
VTH is the additional voltage added to the supply voltage to
get VB
VTH eb(VB b Va) eb(47 b 30) eb17V
Now we must find R
A
3 and R
B
3 using the Thevenin formulas
Putting VTH Vb and RTH into the appropriate formulas re-
duces to
R
B
3
e
076 R
A
3
and
2555k e R
A
3
ll R
B
3
The easiest way to solve these equations is to iterate with
standard values If we guess R
A
3
e
62k then R
B
3
e
4712k
use 47k The Thevenin impedance comes out 267k which
is close enough to 2555k
Now we will use equation (5) to determine the heat sinking
requirements of the drivers to insure thermal stability
iJA s
022 (20 a 1)
40 (0002)
57 CW
(5)
This value is lower than we got with equation (9) so we will
use it in equation (10)
(10)
iSA s 57 b 6 b 1 e 50 CW
This is the required heat sink for each driver For low TIM
we add the 1 MX resistor from pin 3 to the output and a
910k resistor from pin 4 to ground The complete schematic
is shown below
If the output is shorted the transistor voltage is about 28V
and the current is 5A Therefore the average power is
short PD e
(28) 5 e 70W
This is much larger than the power used to calculate the
heat sinks and the output transistors will overheat if the out-
put is shorted too long
Typical Applications (Continued)
40W-8X 60W-4X Amplifier
High Frequency Ground
Input Ground
Speaker Ground
TLH7146 – 13
Note All Grounds Should be Tied Together
Only at Power Supply Ground
Additional protection for LM391N Schottky diodes and R j 100X
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com