| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS1044 bảng dữ liệu(PDF) 3 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1044 bảng dữ liệu(HTML) 3 Page - Dallas Semiconductor |
|
3 / 6 page ![]() DS1044 021798 3/6 TEST SETUP DESCRIPTION Figure 2 illustrates the hardware configuration used for measuring the timing parameters of the DS1044. The input waveform is produced by a precision pulse gener- ator under software control. Time delays are measured by a time interval counter (20 ps resolution) connected to the output. The DS1044 output taps are selected and connected to the interval counter by a VHF switch con- trol unit. All measurements are fully automated with each instrument controlled by the computer over an IEEE 488 bus. DS1044 TEST CIRCUIT Figure 2 PULSE GENERATOR TIME INTERVAL COUNTER START 50 Ω 50 Ω STOP OUT OUTPUTS 1–4 UNIT UNDER TEST VHF SWITCH CONTROL UNIT 4 INPUTS |