công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF63-2022PCF bảng dữ liệu(PDF) 2 Page - Hirose Electric

tên linh kiện DF63-2022PCF
Giải thích chi tiết về linh kiện  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF63-2022PCF bảng dữ liệu(HTML) 2 Page - Hirose Electric

  DF63-2022PCF Datasheet HTML 1Page - Hirose Electric DF63-2022PCF Datasheet HTML 2Page - Hirose Electric DF63-2022PCF Datasheet HTML 3Page - Hirose Electric DF63-2022PCF Datasheet HTML 4Page - Hirose Electric DF63-2022PCF Datasheet HTML 5Page - Hirose Electric DF63-2022PCF Datasheet HTML 6Page - Hirose Electric DF63-2022PCF Datasheet HTML 7Page - Hirose Electric DF63-2022PCF Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DF63 Series●15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
■Product Specifications
Ratings
Current Rating
No. of Contacts 16 AWG 18 AWG 20 AWG 22 AWG Operating temperature range -40 to 105ç(Note 2)
1
15A
13A
11A
9A
Operating humidity range
20 to 80%(Note 3)
2
14A
12A
10A
8A
Storage temperature range
-10 to 60ç(Note 4)
3
12A
10A
8A
7A
Storage humidity range
40 to 70%(Note 4)
4
10A
8A
7A
6A
UL/TÜV
 File No. and Recognition No.
UL
   :E52653
C-UL
   : E52653
TÜV
   :R50318850
5
10A
8A
7A
6A
6
10A
8A
7A
6A
2
(7.92mm pitch)
15A
13A
11A
9A
3
(7.92mm pitch)
12A
11A
9A
8A
Voltage Rating
Specification
AC/DC 630V
UL,C-UL
AC/DC 600V
TÜV
AC/DC 300V
Item
Specifications
Conditions
1. Insulation
Resistance
No less than 1,000Mø
Measured at DC 500V
2. Withstand
Voltage
No flashover or breakdown
AC 1,500V is applied for one minute.
3. Contact
Resistance
No more than 10mø
Measured at 1mA and no higher than 20mV
4. Vibration
Resistance
No electrical discontinuity of 1 µs or greater
Frequency 10-55 Hz, half amplitude 0.75
mm, 10 times in each of the three directions
5. Shock
Resistance
No electrical discontinuity of 1 µs or greater
Accelerated velocity : 490 m/s
2 for 11 ms, half-sine
wave in 3 directions, 3 times for each direction
6. Moisture-
resistance
Contact resistance : no more than 20mø
Insulation resistance : no less than 500Mø
Temperature : 40 ±2ç ; humidity : 90 to 95%,
left as it is for 96 hours
7. Temperature
cycles
Contact resistance : no more than 20mø
Insulation resistance : no less than 1,000Mø
-55ç : 30 minutes
→ 85ç : 30 minutes
5 cycles
8. Durability
Contact resistance : no more than 20mø
Tin plated
: 30 mating cycles,
Gold plated : 50 mating cycles
9. Solder heat
resistance
The resin parts should withstand the temperature and
resist melting.
Flow : 260ç, 10 sec
Hand soldering : temperature of soldering
iron at 350ç±10ç for 5 seconds
Note 1
:This is the maximum current rating while all pins are powered or used as all power lines.
Note 2
:Includes temperature rise caused by current flow.
Note 3
:Use without condensation on parts.
Note 4
:The storage condition refers to long-term storage of the product on the shelf before assembly. Please use the operating
temperature for temporary storage such as pre-assembly and during shipping.
■Materials / Finish
Component
Part
Material
Finish
UL Specification
Header
Insulator
PBT (glass-reinforced)
Black or White
UL94V-0
Contact
Brass
Tin plated or Gold plated
−
Crimp socket
Insulator
PBT (glass-reinforced)
Black or White
UL94V-0
In-line plug
Crimp contact
Contact
Copper alloy
Tin plated or Gold plated
−
■Product Number Structure
●Connector
DF 63 # - * P - 3.96 DSA
❶❷
❸
❹ ❺
❻
❼
●Crimp contact
DF 63 - 1618 SCF
❽❾
❶Series name : DF
❹Number of Contacts : 1,2,3,4,5,6
❽Applicable Conductor
1618 : 16 to 18 AWG
2022 : 20 to 22 AWG
❷Series No. : 63
❸Form Type
Header
Blank : Black
A
: Without guide post
R
: Guide post·Guide Key Type, white
Sockets
Blank : Black
R
: Guide Key Type, white
In-line Plugs
Blank : Panel Lock Type
A
: Without Panel Lock
❺Connector type
P : Header
S : Crimp socket
EP : In-line plug
❾Packaging
SCF
: Socket contacts·Reel·Tin plated
SCFA : Socket contacts·Reel·Gold plated
SC
: Socket contacts·Pack·Tin plated
SCA : Socket contacts·Pack·Gold plated
PCF
: In-line plug contacts·Reel·Tin plated
PCFA : In-line plug contacts·Reel·Gold plated
PC
: In-line plug contacts·Pack·Tin plated
PCA : In-line plug contacts·Pack·Gold plated
❻Contact Pitch : 3.96mm
7.92mm
❼Type of housing
DSA : Straight header
DS : Right angle header
C
: Crimp housing



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com