công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF60-1012SCFA bảng dữ liệu(PDF) 3 Page - Hirose Electric

tên linh kiện DF60-1012SCFA
Giải thích chi tiết về linh kiện  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF60-1012SCFA bảng dữ liệu(HTML) 3 Page - Hirose Electric

  DF60-1012SCFA Datasheet HTML 1Page - Hirose Electric DF60-1012SCFA Datasheet HTML 2Page - Hirose Electric DF60-1012SCFA Datasheet HTML 3Page - Hirose Electric DF60-1012SCFA Datasheet HTML 4Page - Hirose Electric DF60-1012SCFA Datasheet HTML 5Page - Hirose Electric DF60-1012SCFA Datasheet HTML 6Page - Hirose Electric DF60-1012SCFA Datasheet HTML 7Page - Hirose Electric DF60-1012SCFA Datasheet HTML 8Page - Hirose Electric DF60-1012SCFA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
DF60 Series
●65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Connector
●Connector
●Contact
❶ Type of connection
Blank
:Standard
A
:Sequential
❷ Applicable wire size
8
:8 AWG
1012
:10 to 12 AWG
❸ Packaging styles
SCFA
:Socket contact reel
SCA
:Socket contact, loose
PCFA
:In-line plug contact, reel
PCA
:In-line plug contact, loose
DF 60 A
−
8
SCFA
❶❷
❸
❶ Series Name
:DF
❷ Series No.
:60
❸ Guide key type
Blank
:Left side (Color : black)
R
:Right side (Color : gray)
❹ Number of contacts :1, 2, 3, 4, 5, 6
❺ Connector type
P
:Pin header
❻ Pitch
:10.16mm
❼ Type of housing
DSA
:Straight pin header
DS
:Right angle pin header
❶ Series Name :DF
❷ Series No.
: 60
❸ Guide key type
Blank
:Left side (Color : black)
R
:Right side (Color : gray)
❹ Number of contacts
S
:1, 2, 3, 4, 5, 6
EP
:1, 2, 3, 4, 5
❺ Connector type 
S
:Socket
EP
:In-line plug
❻ Pitch :10.16mm
❼ Wiring type
C
:Crimp socket
DF 60 R − * P − 10.16 DSA
❶❷
❸
❹
❺
❻
❼
DF 60 R − * S − 10.16
C
❶❷
❸
❹
❺
❻
❼



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com