| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT305/DF57-2830HC bảng dữ liệu(PDF) 8 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
HT305/DF57-2830HC bảng dữ liệu(HTML) 8 Page - Hirose Electric |
|
8 / 8 page ![]() 8 DF57 Series●Low Profile “Swing-Lock” Board to Wire Connector for Power 7. Insertion and removal operation method 8. Mating compatibility Mating ① Determine position, fitting the external form ② Insert the cable side Un-mating ① Engage lever ② Pull up and release the simple lock ③ The reinforced lock is also released and the un-mating is complete ③ Push the contact portion side Header DF57H DF57 Socket DF57H DF57 DF57H DF57 Mating compatibility Y Y N Y Additional guiding keys Y N - N DF5 57H 57H F5 F57 The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use. The contents of this catalog are current as of date of 08/2014. Contents are subject to change without notice for the purpose of improvements. 2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN TEL: +81-45-620-3526 Fax: +81-45-591-3726 http://www.hirose.com http://www.hirose-connectors.com ® |