công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF58-2830SCF bảng dữ liệu(PDF) 5 Page - Hirose Electric

tên linh kiện DF58-2830SCF
Giải thích chi tiết về linh kiện  Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF58-2830SCF bảng dữ liệu(HTML) 5 Page - Hirose Electric

  DF58-2830SCF Datasheet HTML 1Page - Hirose Electric DF58-2830SCF Datasheet HTML 2Page - Hirose Electric DF58-2830SCF Datasheet HTML 3Page - Hirose Electric DF58-2830SCF Datasheet HTML 4Page - Hirose Electric DF58-2830SCF Datasheet HTML 5Page - Hirose Electric DF58-2830SCF Datasheet HTML 6Page - Hirose Electric DF58-2830SCF Datasheet HTML 7Page - Hirose Electric DF58-2830SCF Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
DF58 Series●Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
■Crimp contact
Unit
:mm
Part No.
HRS No.
Packaging
Quantity
Finish
DF58-2830SCF
666-1011-0 00
Reel
40,000
Tin plated
Note : This product is delivered in 40,000 pieces per reels.
Please place orders in multiples of 40,000 pieces.
●Applicable wire (Tin plated annealed copper wire)
Unit
:mm
Wire size
(Stranded wire conductor)
Jacket outer diameter
Recommended cable
Strip length
28AWG
(7/Ø0.127mm)
Ø0.5 to 0.6mm
UL1571
(Thin wire)
1.0 to 1.4mm
30AWG
(7/Ø0.102mm)
Note 1 : When using other than the recommended wire, contact your nearest Hirose sales representative.
Note 2 : The strip length is a reference value. Please make adjustments so finished crimps will meet the specified values.
Refer to the crimping quality standards (ATAD-H0848-00) for details.
BTools
Unit
:mm
Type
Part No.
HRS No.
Applicable contact
Applicator
AP105-DF58-2830S
901-4649-0 00
DF58-2830SCF
Press
CM-105C
901-0001-0 00
Hand crimping tool
HT307/DF58-2830HC
Under development
Contact extraction tool
DF-C-PO
(B)
550-0179-2 00
Note : If any trouble has occurred due to tools other than the designated tool, Hirose bears no respoisibility for any trouble.
P=4
1.4
t=0.12
0.965



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com