công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF5-1822SCF bảng dữ liệu(PDF) 2 Page - Hirose Electric

tên linh kiện DF5-1822SCF
Giải thích chi tiết về linh kiện  5mm Pitch Miniature Potting Connectors for Secondary Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF5-1822SCF bảng dữ liệu(HTML) 2 Page - Hirose Electric

  DF5-1822SCF Datasheet HTML 1Page - Hirose Electric DF5-1822SCF Datasheet HTML 2Page - Hirose Electric DF5-1822SCF Datasheet HTML 3Page - Hirose Electric DF5-1822SCF Datasheet HTML 4Page - Hirose Electric DF5-1822SCF Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B124
DF5 Series
●5mm Pitch Miniature Potting Connectors for Secondary Power Supply
■Product Specifications
Item
Specification
Condition
1. Insulation Resistance 1000M
Ω min.
500V DC
2. Withstanding voltage No flashover or insulation breakdown.
1500V AC/1 minute
3. Contact Resistance 30m
Ω max.
100mA
4. Single Insertior/
0.3N (30gt) min., 4.5N (450gt) max.
Measured with 1.14
±0.002mm steel pin
Extraction Force
5. Vibration
No electrical discontinuity of 10μs or more
Frequency : 10 to 55 Hz, single amplitude of 0.75mm, 2 hours in each of the 3 directions.
6. Humidity (Steady state) Contact resistance : 30mΩ max., Insulation resistance : 500M Ω min.
96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle Contact resistance : 30m
Ω max., Insulation resistance : 1000M Ω min. (–55ç : 30 minutes
➝15 to 35ç : 10 minutes➝85ç : 30 minutes➝5 to 35ç : 10 minutes ) 5 cycles
8. Durability (Mating/un-mating) Contact resistance : 30m
Ω max.
30 cycles
9.Resistance to
No deformation of
Flow : 260ç for 10 seconds
Soldering heat
components affecting performance.
Manual soldering : 350ç for 3 seconds
Product
Part
Material
Finish
Remarks
Crimping Socket
Insulator
Polyamide
White
UL94V-0
Crimping Contact for Socket
Contact
Phosphor bronze
Tin plated
--------------------
Pin header
Insulator
Polyamide
Beige
UL94V-0
Contact
Brass
Tin plated
--------------------
Note 1 : Includes temperature rise caused by current flow.
Note 2 : The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during
transportation.
■Materials / Finish
■Product Number Structure
●Connector
●Contact
No. of rows
No. of contacts
18 AWG
20 AWG
22 AWG
Single row
2 to 10
Operating Temperature Range
–35 to +85ç(Note 1)
48A
Operating Moisture Range
40 to 80
%
65A
Rating
Current rating
8
6A
Double row
10
12
7A
Storage Temperature Range
–10 to +60ç(Note 2)
14
4A
Storage Humidity Range
40 to 70
%(Note 2)
16
5A
Voltage rating
AC/DC 500V
AC/DC 500V
UL/C-UL File No. and Recognition No.
UL
: E52653
C-UL
: E52653
Specification
UL/C-UL
Contact Pitch : 5mm
Contact type
C
: Crimping Socket
DSA : Straight pin header
Series Name : DF5A
Number of contacts : Single row : 2 to 10
Double row : 4 to 16
Connector type
S
: Single row socket
DS
: Double row socket
P
: Single row header
DP
: Double row header
packaging type
SCF : Socket contact / reel
SC : Socket contact / pack
Applicable cable type
None : UL 1007 equivalent (jacket diameter 1.5 to 2.2mm)
A: UL 1015 equivalent (jacket diameter 2.2 to 2.9mm)
Applicable cable size
1822 : 18 to 22 AWG
DF5A - 1822 SCF
1
2
3
1
1
3
2
4
5
2
3
1
DF5A
-
* S - 5 C
2
3
4
5



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com