công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF4-14DP-2C bảng dữ liệu(PDF) 3 Page - Hirose Electric

tên linh kiện DF4-14DP-2C
Giải thích chi tiết về linh kiện  2mm Pitch Connector Directly Mounted on Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF4-14DP-2C bảng dữ liệu(HTML) 3 Page - Hirose Electric

  DF4-14DP-2C Datasheet HTML 1Page - Hirose Electric DF4-14DP-2C Datasheet HTML 2Page - Hirose Electric DF4-14DP-2C Datasheet HTML 3Page - Hirose Electric DF4-14DP-2C Datasheet HTML 4Page - Hirose Electric DF4-14DP-2C Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B204
DF4 Series
●2mm Pitch Connector Directly Mounted on Board
■Single Row Crimping Plug
Photo: Contact insertion state.
●Applicable Through-hole Diameter : Ø0.8
+0
+0.1
Unit:mm
CL No.
Part Number
544-0003-4
544-0004-7
544-0005-0
544-0006-2
544-0007-5
544-0008-8
544-0009-0
DF4- 2P-2C
DF4- 3P-2C
DF4- 4P-2C
DF4- 5P-2C
DF4- 6P-2C
DF4- 7P-2C
DF4- 8P-2C
Number of Contacts
2
3
4
5
6
7
8
A
B
RoHS
04.5
06.5
08.5
10.5
12.5
14.5
16.5
02.0
04.0
06.0
08.0
10.0
12.0
14.0
Yes
CL No.
Part Number
544-0010-0
544-0011-2
544-0012-5
544-0013-8
544-0014-0
544-0015-3
544-0016-6
DF4- 9P-2C
DF4-10P-2C
DF4-11P-2C
DF4-12P-2C
DF4-13P-2C
DF4-14P-2C
DF4-15P-2C
Number of Contacts
09
10
11
12
13
14
15
A
B
RoHS
18.5
20.5
22.5
24.5
26.5
28.5
30.5
16.0
18.0
20.0
22.0
24.0
26.0
28.0
Yes
Note 1.The quantity at the specific No. "None" is delivered per bag (100pcs.). If needed, please order the products per bag.
■Crimping Contact
Part Number
CL No.
Packaging Type
Quantity
Finish
RoHS
DF4-2428PCF(05)
544-0020-3-05
Reel
10,000
Tin plating
Yes
DF4-2428PC(05)
544-0021-6-05
Bag
100
Tin plating
●Applicable Cable (Tin plating Annealed copper wire)
Note:If other cables are used instead of the applicable cable, contact Hirose sales
department.
● Strip Length: 1.3 to 1.9mm
BApplicable Crimping Tool
Type
Part Number
CL No.
Applicable Contact
Applicator
AP105-DF4-2428P
901-4539-0
DF4-2428PCF(05)
Press Main Unit
CM-105
901-0005-4
–––––––
Manual Crimping Tool
DF4-TA2428HC
550-0173-6
DF4-2428PC(05)
Extraction Tool
DF-C-PO (B)
550-0179-2
DF4-2428PCF(05)
Note: If any trouble has occurred due to other tools, which are not designated by Hirose,
Hirose won't guarantee any products.
Conductor Size
Recommended Cable
Jacket Diameter
AWG24 (11 cores./0.16mm)
UL1061
AWG 26 (7cores./0.16mm)
Ø0.75 to Ø1.2mm
AWG 28 (7cores./0.127mm)
UL1061/1007
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com