| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STW4510AET bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4510AET bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) STw4510 Functional description 23/57 Power control register @ 1Eh Address: 1Eh Type: R/W Reset: 0000_0000 Description: Power control register @ 1Fh Address: 1Fh Type: R/W Reset: 0000_0000 Description: 76 543210 reg address 3 bits data din/dout 4 bits EN R/W R/W R/W [7:5] reg address 3 bits See Table 11 “Address” column (LSB’s). Default = 0 [4:1] data din/dout 4 bits See Table 11 control register [0] EN 0: Read enabled (default) 1: Write enabled 15 14 13 12 10 987654 3210 Reserved reg address 2 bits Reserved R/W [15:8] Reserved [9:8] reg address 2 bits See Table 11 “Address” column (MSB’s), default = 0 [7:0] Reserved |