| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS86 bảng dữ liệu(PDF) 2 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
CS86 bảng dữ liệu(HTML) 2 Page - fujitsu semiconductor |
|
2 / 16 page ![]() CS86 Series 2 (Continued) • Output buffer cells with noise reduction circuits • Input buffer cells and bidirectional buffer cells with on-chip input pull-up/pull-down resistors • Buffer cells for crystal oscillation circuits • Special interfaces : SSTL2, PCI, P-CML, T-LVTTL, USB 2.0, IEEE1394, and others. • IP macros : CPU (ARM9, FR-V, and others) , DSP, PCI, IEEE1394, USB 2.0, IrDA, PLL, DAC, ADC, and others. • Capable of incorporating compiled cells (RAM/ROM/Register file/Delay line) • Configurable internal bus circuits • Advanced hardware/software co-design environment • Short-term development using Physical Synthesis tool • Low power consumption using Low Power Synthesis tool • Short-term development using a timing driven layout tool • Hierarchical design environment for supporting large-scale circuits • Support for Signal-Integrity • Support for Memory (RAM, ROM) SCAN • Support for Memory (RAM) BIST • Support for Boundary SCAN • Support for path delay test • A variety of package options : QFP, TQFP, LQFP, HQFP, PBGA, FBGA, FLGA, EBGA |