| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AEW01CC24 bảng dữ liệu(PDF) 34 Page - Astec America, Inc |
|
|
|||||||||||||||||||||||||||||
AEW01CC24 bảng dữ liệu(HTML) 34 Page - Astec America, Inc |
|
34 / 46 page ![]() USA Europe Asia TEL: 1-760-930-4600 44-(0)1384-842-211 852-2437-9662 FAX: 1-760-930-0698 44-(0)1384-843-355 852-2402-4426 34 z ON/OFF control can be realized through mechanical switcher or transistor z In the isolated appliction, CNT control can be realized through optoisolator or relay. z It is recommended to parallel a 0.1 F capacitor to remove the interference when the control line is too long. z When not use CNT function, connect CNT with +Vin. |