| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP633 bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP633 bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 60 page ![]() 2009-2014 Microchip Technology Inc. DS20002197C-page 27 MCP631/2/3/4/5/9 6.0 PACKAGING INFORMATION 6.1 Package Marking Information XXNN XXNN Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 5-Lead SOT-23 (MCP631) Example YV25 6-Lead SOT-23 (MCP633) Example JC25 8-Lead TDFN (2x3x0.75 mm) (MCP631) Example ABK 425 25 8-Lead DFN (3x3x0.9 mm) (MCP632) Example DABM 1425 256 Device Code MCP632T-E/MF DABM Note 1: Applies to 8-lead 3x3 DFN |