| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BL4863TS bảng dữ liệu(PDF) 2 Page - SHANGHAI BELLING CO., LTD. |
|
|
|||||||||||||||||||||||||||||
BL4863TS bảng dữ liệu(HTML) 2 Page - SHANGHAI BELLING CO., LTD. |
|
2 / 11 page ![]() BL4863 http://www.belling.com.cn - 2 - Total 11 Pages Pin Diagrams 1 3 2 4 5 7 6 8 9 10 SHUTDOWN GND +OUTA VDD -OUTA -INA GND +INA GND GND 20 18 19 17 16 14 15 13 12 11 HP-IN GND +OUTB VDD -OUTB -INB BYPASS +INB GND GND Exposed-DAP TSSOP20 DIP16/SOP16 Pin Description No. Pin Name I/O Description 1 SHD I Shout-down Logical Control, ‘1’ is active. 2,7,10,11,19 GND I/O Ground 3 +OUTA O Positive Output (Channel A) 4,17 VDD1 I/O Power 5 -OUTA O Negative Output (Channel A) 6 -INA I Negative Signal Input (Channel A) 8 +INA I Positive Signal Input (Channel A) 9,12 NC / Not Connected 13 +INB I Positive Signal Input (Channel B) 14 BP I/O Internal DC reference, Connected with Bypass Capacitor. 15 -INB I Negative Signal Input (Channel B) 16 -OUTB O Negative Output (Channel B) 18 +OUTB O Positive Output (Channel B) 20 HP-IN I HP-IN Function Control, ‘1’ is active. Order Information Part Number Package Shipping BL4863TS TSSOP20 4000 pcs / Tape & Reel BL4863PD DIP16 Tube BL4863SO SOP16 Tube |