công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6V72 bảng dữ liệu(PDF) 26 Page - Microchip Technology

tên linh kiện MCP6V72
Giải thích chi tiết về linh kiện  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V72 bảng dữ liệu(HTML) 26 Page - Microchip Technology

Back Button MCP6V72 Datasheet HTML 22Page - Microchip Technology MCP6V72 Datasheet HTML 23Page - Microchip Technology MCP6V72 Datasheet HTML 24Page - Microchip Technology MCP6V72 Datasheet HTML 25Page - Microchip Technology MCP6V72 Datasheet HTML 26Page - Microchip Technology MCP6V72 Datasheet HTML 27Page - Microchip Technology MCP6V72 Datasheet HTML 28Page - Microchip Technology MCP6V72 Datasheet HTML 29Page - Microchip Technology MCP6V72 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
MCP6V71/1U/2/4
DS20005385B-page 26
 2015 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SC70 (MCP6V71U)
Example
:
Device
Code
MCP6V71UT-E/LTY
DUNN
5-Lead SOT-23 (MCP6V71, MCP6V71U)
Example
:
Device
Code
MCP6V71T-E/OT
AAAYY
MCP6V71UT-E/OT
AAAZY
DU56
XXXXY
WWNNN
AAAY4
40256
8-Lead MSOP (3x3 mm) (MCP6V72)
Example
6V72E
542256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46