| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LR8 bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LR8 bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 16 page ![]() LR8 DS20005399A-page 14 2015 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: LR8 = High-Input Voltage, Adjustable, 3-Terminal, Linear Regulator Package: N3 = TO-92 K4 = TO-252 (D-PAK) N8 = TO-243AA (SOT-89) Environmental G = Lead (Pb)-free/ROHS-compliant package Media Type: (blank) = 1000/Bag for N3 packages = 2000/Reel for K4 packages = 2000/Reel for N8 packages P003 = 2000/Reel for N3 package Examples: a) LR8N3-G TO-92 package, 1000/bag b) LR8N3-G-P003: TO-92 package, 2000/reel. c) LR8K4-G TO-252 package, 2000/reel d) LR8N8-G TO-243AA package, 2000/reel PART NO. X Device X Environmental XX Package Options Media - - Type |