| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IS2063 bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
IS2063 bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 58 page ![]() 2016 Microchip Technology Inc. Advance Information DS60001432A-Page 21 IS2063 6.0 APPLICATION INFORMATION 6.1 Power Supply Figure 6-1 illustrates the PCB connection from the BAT_IN pin to other voltage supply pins of the IS2063 SoC. The IS2063 SoC is powered through the BAT_IN input pin. If battery is not connected, an external power supply must be provided as an input to the ADAP_IN pin. FIGURE 6-1: POWER TREE DIAGRAM Note: When an external power supply is connected to the ADAP_IN pin, the BAT_IN pin can be left open if battery is not connected. |