công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS2064 bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện IS2064
Giải thích chi tiết về linh kiện  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 3Page - Microchip Technology IS2064 Datasheet HTML 4Page - Microchip Technology IS2064 Datasheet HTML 5Page - Microchip Technology IS2064 Datasheet HTML 6Page - Microchip Technology IS2064 Datasheet HTML 7Page - Microchip Technology IS2064 Datasheet HTML 8Page - Microchip Technology IS2064 Datasheet HTML 9Page - Microchip Technology IS2064 Datasheet HTML 10Page - Microchip Technology IS2064 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 7
IS2062/64
Figure 1-2 illustrates the IS2062 SoC pin diagram.
Table 1-2 provides the pin descriptions of the IS2062
SoC and these pins can be configured using the UI
tool.
FIGURE 1-2:
IS2062 SOC PIN DIAGRAM
IS2062_64.book Page 7 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74