| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1011 bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1011 bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 61 page ![]() AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER DS40001393C-page 22 2009-2016 Microchip Technology Inc. 6.0 UART COMMUNICATIONS UART communication is fixed at 9600 baud rate, 8N1 format. Sleep mode will cause the TX line to drop low, which may appear as a 0x00 byte sent from the controller. TABLE 6-1: UART HARDWARE INTERFACE AR1011 Pin Description M1 Connect M1 to VDD to select UART communications TX Transmit to host RX Receive from host SDO Connect SDO to VSS |