| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CP41A-RFS-CL0N0JJ4 bảng dữ liệu(PDF) 10 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
CP41A-RFS-CL0N0JJ4 bảng dữ liệu(HTML) 10 Page - Cree, Inc |
|
10 / 10 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 10 Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 10 Cree P4 LED CP41A-RDS/ADS CP41A-RFS/RFS CP41A-RHS/AHS PACKAGING Features: • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. • The boxes are not water resistant, and they must be kept away from water and moisture. • The Tube Pack type of packaging. • Max 60 pcs per tube. Hu e XX AX XXX XXX XXX X C OL OR LED LAMP J OWAXXXXX -XX-XXX LXXXXXXXX-XXX LOT T YPE xxx xxx Vf XX Iv X RANK QT Y P CS R R |