| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IS1870SF bảng dữ liệu(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
IS1870SF bảng dữ liệu(HTML) 29 Page - Microchip Technology |
|
29 / 44 page ![]() 2015-2016 Microchip Technology Inc. DS60001371C-Page 29 IS1870/71 5.3 Storage Condition Users need to follow these specific storage conditions for the IS1870x SoC. • The calculated shelf life in the sealed bag is 24 months at <40 ℃ and <90% Relative Humidity (RH). • After the bag is opened, devices that are sub- jected to reflow solder or other high temperature process must be mounted within 168 hours of fac- tory conditions, i.e <30 ℃ /60% RH. IS1870SF_IS1871SF.book Page 29 Thursday, March 31, 2016 10:29 AM |