công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS1870 bảng dữ liệu(PDF) 39 Page - Microchip Technology

tên linh kiện IS1870
Giải thích chi tiết về linh kiện  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1870 bảng dữ liệu(HTML) 39 Page - Microchip Technology

Back Button IS1870 Datasheet HTML 35Page - Microchip Technology IS1870 Datasheet HTML 36Page - Microchip Technology IS1870 Datasheet HTML 37Page - Microchip Technology IS1870 Datasheet HTML 38Page - Microchip Technology IS1870 Datasheet HTML 39Page - Microchip Technology IS1870 Datasheet HTML 40Page - Microchip Technology IS1870 Datasheet HTML 41Page - Microchip Technology IS1870 Datasheet HTML 42Page - Microchip Technology IS1870 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 39
IS1870/71
APPENDIX C:
REVISION HISTORY
Revision A (October 2015)
This is the initial released version of this document.
Revision B (October 2015)
This revision includes the following changes as well as minor updates to text and formatting, which were incorporated
throughout the document.
Revision C (March 2016)
This revision includes the following changes and minor updates to text and formatting, which were incorporated through-
out the document.
Status
Description
Section “Features”
The section has been updated with new information.
Section “Packages”
The section is updated with the package information.
Section 1.0 “Device Overview”
Updated Figure 1-1 and Figure 1-2.
Added Table 1-1
Status
Description
Section “Features”
The section is updated with new information.
Section 1.0 “Device Overview”
Updated Figure 1-1 and Figure 1-2.
Updated Table 1-1 and Table 1-2.
Section 2.0 “System Block
Details”
Updated 2.2 “System Block Specification” and 2.3 “Host MCU Interface
Over UART”
with new information.
Section 3.0 “Electrical Character-
istics”
Updated 3.1.1 “Tx/Rx Current Consumption Details”.
Updated Figure 3-1 and Figure 3-2.
Updated Table 3-1 and Table 3-2.
Section 5.3 “Storage Condition”
Deleted Figure 5-4.
Section 6.0 “Ordering Guide”
Updated Table 6-1
Appendix A: “Reference Circuit”
Updated Figure A-1 and Figure A-3
Added Figure A-2 and Figure A-4
Appendix C: Bill of Material
Deleted
IS1870SF_IS1871SF.book Page 39 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44