| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ELM329LP bảng dữ liệu(PDF) 11 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM329LP bảng dữ liệu(HTML) 11 Page - ELM Electronics |
|
11 / 87 page ![]() Several parameters within the ELM329 can be adjusted in order to modify its behaviour. These do not normally have to be changed before attempting to talk to the vehicle, but occasionally the user may wish to customize these settings – for example by turning the character echo off, adjusting a timeout value, or changing the header (ID) bytes. In order to do this, internal ‘AT’ commands must be used. Those familiar with PC modems will immediately recognize AT commands as a standard way in which modems are internally configured. The ELM329 uses essentially the same method, always watching the data sent by the PC, looking for messages that begin with the character ‘A’ followed by the character ‘T’. If found, the next characters will be interpreted as an internal configuration or ‘AT’ command, and will be executed upon receipt of a terminating carriage return character. If the command is just a setting change, the ELM329 will reply with the characters ‘OK’, to say that it was successfully completed. Some of the commands require that numbers be provided as arguments, in order to set the internal values. These will always be hexadecimal numbers which must generally be provided in pairs. The hexadecimal conversion chart in the OBD Commands section (page 28) may be helpful if you wish to interpret the values. Also, one should be aware that for the on/off types of commands, the second character is the number 1 or the number 0, the universal terms for on and off. The remainder of this page, and the next page following provide a summary of all of the commands that the current version of the ELM329 recognizes. A more complete description of each command begins on page 13. 11 of 87 ELM329L ELM329L DSA Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com AT Command Summary AT Commands ELM329 Options <CR> repeat the last command BRD hh try Baud Rate Divisor hh BRT hh set Baud Rate Timeout D set all to Defaults E0, E1 Echo off, or on* I print the version ID L0, L1 Linefeeds off, or on LP go to low power mode M0, M1 Memory off, or on RD Read the stored Data SD hh Save Data byte hh WS Warm Start (quick software reset) Z reset all @1 display the device description @2 display the device identifier @3 cccccccccccc store the @2 identifier Programmable Parameters PP xx OFF disable Prog Parameter xx PP FF OFF all Prog Parameters disabled PP xx ON enable Prog Parameter xx PP FF ON all Prog Parameters enabled PP xx SV yy for PP xx, Set the Value to yy PPS print a PP Summary Voltage Readings CV dddd Calibrate the Voltage to dd.dd volts CV 0000 restore CV value to factory setting RV Read the input Voltage Other C0, C1 Control Output off*, or on IGN read the IgnMon input level IN1 read INput 1 level IN2 read INput 2 level Note: Settings shown with an asterisk (*) are the default values |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |