| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ELM327LSM bảng dữ liệu(PDF) 2 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM327LSM bảng dữ liệu(HTML) 2 Page - ELM Electronics |
|
2 / 94 page ![]() ELM327L Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com 2 of 94 ELM327L DSA Contents The Basics Description................................................................................... 1 Features....................................................................................... 1 Applications..................................................................................1 Block Diagram..............................................................................1 Connection Diagram.................................................................... 1 Pin Descriptions........................................................................... 4 ELM327L Unused Pins................................................................ 6 ELM327L Absolute Maximum Ratings......................................... 7 ELM327L Electrical Characteristics............................................. 7 Using the ELM327 Overview...................................................................................... 9 Communicating with the ELM327................................................ 9 AT Commands........................................................................... 11 AT Command Summary.............................................................11 AT Command Descriptions........................................................ 13 Reading the Battery Voltage...................................................... 30 OBD Commands........................................................................ 31 Talking to the Vehicle.................................................................32 Bus Initiation...............................................................................34 Interpreting Trouble Codes........................................................ 35 Resetting Trouble Codes........................................................... 36 Quick Guide for Reading Trouble Codes................................... 36 Selecting Protocols.................................................................... 37 OBD Message Formats..............................................................39 Setting the Headers................................................................... 40 Multiline Responses................................................................... 43 CAN Message Types................................................................. 45 Multiple PID Requests................................................................46 Response Pending Messages................................................... 46 CAN Receive Filtering - the CRA command.............................. 47 Using the CAN Mask and Filter..................................................48 Monitoring the Bus..................................................................... 49 Restoring Order..........................................................................50 Advanced Features Using Higher RS232 Baud Rates...............................................51 Setting Timeouts - the AT ST and AT AT Commands............... 53 SAE J1939 Messages................................................................54 Using J1939............................................................................... 56 The FMS Standard.....................................................................59 The NMEA 2000 Standard......................................................... 60 Periodic (Wakeup) Messages.................................................... 60 Altering Flow Control Messages................................................ 61 Using CAN Extended Addresses............................................... 62 CAN Input Frequency Matching................................................. 63 |