công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ELM327LP bảng dữ liệu(PDF) 63 Page - ELM Electronics

tên linh kiện ELM327LP
Giải thích chi tiết về linh kiện  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELM [ELM Electronics]
Trang chủ  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP bảng dữ liệu(HTML) 63 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 59Page - ELM Electronics ELM327LP Datasheet HTML 60Page - ELM Electronics ELM327LP Datasheet HTML 61Page - ELM Electronics ELM327LP Datasheet HTML 62Page - ELM Electronics ELM327LP Datasheet HTML 63Page - ELM Electronics ELM327LP Datasheet HTML 64Page - ELM Electronics ELM327LP Datasheet HTML 65Page - ELM Electronics ELM327LP Datasheet HTML 66Page - ELM Electronics ELM327LP Datasheet HTML 67Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
63 of 94
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327L
CAN Input Frequency Matching
Most modern vehicles have a CAN network
connected to pins 6 and 14 of the OBD connector. At
one time, however, the use of these pins was left to
the vehicle manufacturer, and a number of different
systems were connected to them.
In order to prevent the disruption of any connected
systems while the ELM327 is searching for a protocol
(it sends out requests during a search), the ELM327
now performs several tests on these wires. Prior to
firmware version 2.1, the tests simply looked for
activity on the wires but were not frequency selective.
This meant that, for example, vehicles that had a
speedometer signal connected to either pin might be
seen as a valid CAN network, and the ELM327 may
have sent a request on those wires. The new firmware
actually measures the input frequency and requires
that it matches that of the selected CAN protocol
before any test message can be sent.
The diagram below shows how the logic works. It
Signal
Processing
allow a
CAN send
CAN Rx
(pin 24)
signal is 500 kbps
setting is
500 kbps
PP 28, b7 is 0
signal is 250 kbps
setting is
250 kbps
PP 28, b6 is 0
signal is not 250 or 500 kbps
setting is not
250 or 500 kbps
PP 28, b0 is 1
input is quiet
Send Logic While Searching for a Protocol
may seem a little complicated, but what it really says is
that for the default settings, a send is allowed if the
input signal frequency matches the CAN setting (250
or 500 kbps), or if there appears to be no signal. In
addition, if the user is trying a non-standard OBD
frequency, but a standard frequency is received, a
send will not be allowed.
All bits of PP 28 are set to 1 by default (requiring
frequency matching, unless no signal is detected), but
may be changed at any time – see the Programmable
Parameters section for details.
This logic is only used while searching for a valid
protocol. Once a particular protocol is considered to be
active, no further frequency checks are made (as it is
time consuming). Note that if you should use the AT BI
command to bypass the initiation process, this
frequency matching test will also bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com