công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST25PF040C bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện SST25PF040C
Giải thích chi tiết về linh kiện  4 Mbit, 3.3V, SPI Serial Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 4Page - Microchip Technology SST25PF040C Datasheet HTML 5Page - Microchip Technology SST25PF040C Datasheet HTML 6Page - Microchip Technology SST25PF040C Datasheet HTML 7Page - Microchip Technology SST25PF040C Datasheet HTML 8Page - Microchip Technology SST25PF040C Datasheet HTML 9Page - Microchip Technology SST25PF040C Datasheet HTML 10Page - Microchip Technology SST25PF040C Datasheet HTML 11Page - Microchip Technology SST25PF040C Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
SST25PF040C
DS20005397B-page 8
 2015 Microchip Technology Inc.
4.2.4
BLOCK PROTECTION LOCK-DOWN
(BPL–BIT 7)
When the WP# pin is driven low (VIL), it enables the
Block-Protection-Lock-Down (BPL) bit. When BPL is
set to ‘1’, it prevents any further alteration of the BP0,
BP1, BP2, TB, and BPL bits. When the WP# pin is
driven high (VIH), the BPL bit has no effect and its value
is ‘Don’t Care’.
TABLE 4-3:
SOFTWARE STATUS REGISTER BLOCK PROTECTION
Protection Level
Status Register Bit
Protected Memory Address
TB
BP2
BP1
BP0
0 (Full Memory Array unprotected)
X0
0
0
None
T1 (1/8 Top Memory Block protected)
0
0
0
1
070000H-07FFFFH
T2 (1/4 Top Memory Block protected)
0
0
1
0
060000H-07FFFFH
T3 (1/2 Top Memory Block protected)
0
0
1
1
040000H-07FFFFH
B1 (1/8 Bottom Memory Block protected)
1
0
0
1
000000H-00FFFFH
B2 (1/4 Bottom Memory Block protected)
1
0
1
0
000000H-01FFFFH
B3 (1/2 Bottom Memory Block protected)
1
0
1
1
000000H-03FFFFH
4 (Full Memory Block protected)
X
1
X
X
000000H-07FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40