công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST38VF6402 bảng dữ liệu(PDF) 49 Page - Microchip Technology

tên linh kiện SST38VF6402
Giải thích chi tiết về linh kiện  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 bảng dữ liệu(HTML) 49 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 45Page - Microchip Technology SST38VF6402 Datasheet HTML 46Page - Microchip Technology SST38VF6402 Datasheet HTML 47Page - Microchip Technology SST38VF6402 Datasheet HTML 48Page - Microchip Technology SST38VF6402 Datasheet HTML 49Page - Microchip Technology SST38VF6402 Datasheet HTML 50Page - Microchip Technology SST38VF6402 Datasheet HTML 51Page - Microchip Technology SST38VF6402 Datasheet HTML 52Page - Microchip Technology SST38VF6402 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
©2015
DS-20005015B
08/15
49
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Figure 25:Write-Buffer Programming
1309 F25.2
Start
Load data: XXAAH
Address: 555H
Load data: XX55H
Address: 2AAH
Load data: XX25H
Address: BA
Wait for
end of Program
Program
Complete
Load data: WC
Address: BA
Load data: Data
Address: WA
Program Buffer
to Flash
Load data: XX29H
Address: BA
Is Data
Load
complete?
Yes
No
Keep writing
to buffer
Note: BA= Block Address
WC = Word Count
WA = Address of word to program
All subsequent Address values (WAX) in Write Cycle 6 and later must have the same A21-A4 as WAX
in Write Cycle 5.
X can be VIL or VIH, but no other value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64