| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2CL74A bảng dữ liệu(PDF) 2 Page - American Microsemiconductor |
|
|
|||||||||||||||||||||||||||||
2CL74A bảng dữ liệu(HTML) 2 Page - American Microsemiconductor |
|
2 / 4 page ![]() A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2 2CL Series High Voltage Rectifier Series © 2013 American Microsemiconductor, Inc. Specifications are subject to change without notice. Aerospace Mgmt. Sys. Cert. AS/EN/JISQ9100:2009 Rev. C ISO9001:2008 Cert No. 45325 133 Kings Road, Madison, New Jersey 07940 United States of America Tel. 1-973-377-9566, Fax. 1-973-377-3078 www.americanmicrosemi.com Document Page 2 of 4 Revised 06/2013 CL01-12 22 7.5 25.0 Min 0.8± CL01-15 22 7.5 25.0 Min 0.8± CL04-09 22 7.5 25.0 Min 0.8± CL04-12 22 7.5 25.0 Min 0.8± CL04-15 22 7.5 25.0 Min 0.8± CL01-10D 9 5 25.0 Min 0.8± CL01-12D 9 5 25.0 Min 0.8± CL01-15D 9 5 25.0 Min 0.8± CL03-10T 22 7.5 20.0 Min 1.2± CL03-12T 22 7.5 20.0 Min 1.2± CL03-15T 22 7.5 20.0 Min 1.2± CL03-18T 22 7.5 20.0 Min 1.2± CL05-08T 22 7.5 20.0 Min 1.2± CL05-10T 22 7.5 20.0 Min 1.2± CL05-12T 22 7.5 20.0 Min 1.2± CL05-15T 22 7.5 20.0 Min 1.2± 2CL10-10 15 4.5 25.0 Min 0.8± 2CL10-12 15 4.5 25.0 Min 0.8± 2CL10-15 15 4.5 25.0 Min 0.8± 2CL10-20 15 4.5 25.0 Min 0.8± 2CL20-04 6.5 2.5 25.0 Min 0.8± 2CL20-08 15 / 9 4.5 / 5 25.0 Min 0.8± 2CL20-10 15 / 9 4.5 / 5 25.0 Min 0.8± 2CL20-12 15 / 9 4.5 / 5 25.0 Min 0.8± 2CL20-15 15 / 9 4.5 / 5 25.0 Min 0.8± 2CL20-06T 15 / 22 4.5 / 7.5 25.0 Min 0.8± 2CL20-08T 15 / 22 4.5 / 7.5 25.0 Min 0.8± 2CL20-10T 15 / 22 4.5 / 7.5 25.0 Min 0.8± 2CL20-12T 15 / 22 4.5 / 7.5 25.0 Min 0.8± 2CL20-15T 15 / 22 4.5 / 7.5 25.0 Min 0.8± 2CL20-18T 15 / 22 4.5 / 7.5 25.0 Min 0.8± CL01-09 22 7.5 25.0 Min 0.8± SERIES DIMENSIONAL DATA (cont.) Series Type VRRM (kV) IF(AV) (mA) VFM (V) IFSM (A) IRRM (μA) trr (nS) 2CL10-04 4 100 5 10 2.0 --- 2CL20-04 4 200 7 20 2.0 --- 2CL70 6 5 24.0 0.5 2.0 80 2CL70A 6 5 24.0 0.5 2.0 80 2CL10-06 6 100 7 10 2.0 --- 2CL20-06T 6 200 15 20 2.0 100/80 2CL71 8 5 30.0 0.5 2.0 80 2CL71A 8 5 30.0 0.5 2.0 80 2CL0508 8 50 9 5 2.0 --- 2CL0508 8 50 16 5 2.0 100 2CL10-08 8 100 9 10 2.0 --- 2CL10-08 8 100 16 10 2.0 100 2CL20-08 8 200 9 20 2.0 --- 2CL20-08T 8 200 16 20 2.0 100/80 CL05-08T 8 500 16 40 5.0 100/80 2CL01-09 9 350 10 30 5.0 --- CL01-09 9 350 10 30 5.0 --- CL04-09 9 350 10 40 5.0 --- SERIES ELECTRICAL SPECIFICATIONS (cont.) |