công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3488 bảng dữ liệu(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LM3488
Giải thích chi tiết về linh kiện  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488 bảng dữ liệu(HTML) 22 Page - National Semiconductor (TI)

Back Button LM3488 Datasheet HTML 16Page - National Semiconductor (TI) LM3488 Datasheet HTML 17Page - National Semiconductor (TI) LM3488 Datasheet HTML 18Page - National Semiconductor (TI) LM3488 Datasheet HTML 19Page - National Semiconductor (TI) LM3488 Datasheet HTML 20Page - National Semiconductor (TI) LM3488 Datasheet HTML 21Page - National Semiconductor (TI) LM3488 Datasheet HTML 22Page - National Semiconductor (TI) LM3488 Datasheet HTML 23Page - National Semiconductor (TI) LM3488 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Output Capacitor Selection
(Continued)
the output for high efficiency and low ripple voltage. Surface
mount tantalums, surface mount polymer electrolytic and
polymer tantalum, Sanyo- OSCON, or multi-layer ceramic
capacitors are recommended at the output.
The output capacitor of the SEPIC sees very large ripple
currents (similar to the output capacitor of a boost converter.
The rms current through the output capacitor is given by:
The ESR and ESL of the output capacitor directly control the
output ripple. Use low capacitors with low ESR and ESL at
the output for high efficiency and low ripple voltage. Surface
mount tantalums, surface mount polymer electrolytic and
polymer tantalum, Sanyo- OSCON, or multi-layer ceramic
capacitors are recommended at the output for low ripple.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24