| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MLX90333 bảng dữ liệu(PDF) 13 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90333 bảng dữ liệu(HTML) 13 Page - Melexis Microelectronic Systems |
|
13 / 48 page ![]() MLX90333 Tria⊗ ⊗ ⊗ ⊗is® Position Sensor 3901090333 Page 13 of 48 Data Sheet Rev. 007 Jul/2013 For instance, the analog output can be programmed for offset, gain and clamping to meet any rotary position sensor output transfer characteristic: Vout(α) = ClampLo for α ≤ αmin Vout(α) = Voffset + Gain × α for αmin ≤ α ≤ αmax Vout(α) = ClampHi for α ≥ αmax Vout(β) = ClampLo for β ≤ βmin Vout(β) = Voffset + Gain × β for βmin ≤ β ≤ βmax Vout(β) = ClampHi for β ≥ βmax where Voffset, Gain, ClampLo and ClampHi are the main adjustable parameters for the end-user. The linear part of the transfer curve can be adjusted through a 3 point calibration. Once only one output is used, a 5 point calibration is also available for further improvement of the linearity. The calibration parameters are stored in EEPROM featuring a Hamming Error Correction Coding (ECC). The programming steps do not require any dedicated pins. The operation is done using the supply and output nodes of the IC. The programming of the MLX90333 is handled at both engineering lab and production line levels by the Melexis Programming Unit PTC-04 with the MLX90316 daughterboard and dedicated software tools (DLL − User Interface). |