| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
178317 bảng dữ liệu(PDF) 14 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
178317 bảng dữ liệu(HTML) 14 Page - Tyco Electronics |
|
14 / 43 page ![]() 91 Catalog 1242132 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 5-07 unless otherwise specified. reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 D-5200 Series (Continued) AMP Dynamic Series Connectors D-5200M — Modular Type (Continued) Keying Keying is provided with this product (D-5200M) to help prevent misinsertion. Three types, XX, YY, and XY, are available. (Shown below is the mated interface of Tab Header.) Table of Mating Combinations Key Rib XX-Type Key Rib YY-Type Key Rib XY-Type Keying Sign Keying Sign Keying Sign Receptacle Housing 1 Row (D-5200S) 2 Row X-Type Y-Type XX-Type YY-Type XY-Type Tab Housing Board-mount Tab Header 1 Row (D-5200S) Panel Type Free-hanging Type 1 Row (D-5200S) Horizontal Type Vertical Type Free-hanging Type Panel Type 2 Rows Vertical Type Horizontal Type 2 Rows X-Type Panel Type Free-hanging Type Y-Type Panel Type Free-hanging Type XX-Type Panel Type Free-hanging Type YY-Type Panel Type Free-hanging Type XY-Type Panel Type Free-hanging Type *D-5200S Series * * * * X-Type Horizontal Type Vertical Type Y-Type Horizontal Type Vertical Type XX-Type Horizontal Type Vertical Type YY-Type Horizontal Type Vertical Type XY-Type Horizontal Type Vertical Type * |