| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
175145 bảng dữ liệu(PDF) 28 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
175145 bảng dữ liệu(HTML) 28 Page - Tyco Electronics |
|
28 / 43 page ![]() 105 Catalog 1242132 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 5-07 unless otherwise specified. reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 AMP Dynamic with HTS Connectors (Wire-to-Panel and Wire-to-Wire) (Continued) AMP Dynamic Series Connectors Cable Fittings Plastic Type Gland fitting IP 68 plastic PG D SW Designation Part Number Min. Max. 11 5 10 22 HUT.11.P 1-1106005-7 13.5 6 12 24 HUT.13.P 2-1106005-7 16 10 14 27 HUT.16.P 3-1106005-7 21 13 18 33 HUT.21.P 4-1106005-7 29 18 25 42 HUT.29.P 5-1106005-7 36 22 32 53 HUT.36.P 6-1106005-7 42 32 38 60 HUT.42.P 7-1106005-7 Metr. D SW Designation Part Number Min. Max. M16 48 20 HUT.M16.P 1-1102771-6 M20 6 12 24 HUT.M20.P 2-1102771-0 M25 10 14 29 HUT.M25.P 2-1102771-5 M32 13 18 36 HUT.M32.P 3-1102771-2 M40 18 25 46 HUT.M40.P 4-1102771-0 M50 22 32 55 HUT.M50.P 5-1102771-0 PG D SW Designation Part Number Min. Max. 11 5 10 20 HUT.11.MS 1-110606-9 13.5 6 12 22 HUT.13.MS 2-1106006-9 16 10 14 24 HUT.16.MS 3-1106006-9 21 13 18 30 HUT.21.MS 4-1106006-9 29 18 25 40 HUT.29.MS 5-1106006-9 36 22 32 50 HUT.36.MS 6-1106006-9 42 32 38 57 HUT.42.MS 7-1106006-9 Metr. D SW Designation Part Number Min. Max. M16 5 10 17 HUT.M16.P 1-1102770-6 M20 6 12 22 HUT.M20.P 2-1102770-0 M25 13 18 27 HUT.M25.P 2-1102770-5 M32 18 25 34 HUT.M32.P 3-1102770-2 M40 22 32 43 HUT.M40.P 4-1102770-0 M50 32 38 55 HUT.M50.P 5-1102770-0 Metal Type Gland fitting IP 68 brass, nickel plated neoprene sealing insert and O-ring at connection thread. Note: Variable options are available other than those listed above. Please refer to HTS Catalog 889745-2. |