| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9513 bảng dữ liệu(PDF) 8 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9513 bảng dữ liệu(HTML) 8 Page - SMSC Corporation |
|
8 / 51 page ![]() USB 2.0 Hub and 10/100 Ethernet Controller Datasheet Revision 1.2 (02-29-12) 8 SMSC LAN9513/LAN9513i DATASHEET 1.1.6 Power Management The LAN9513/LAN9513i features three variations of USB suspend: SUSPEND0, SUSPEND1, and SUSPEND2. These modes allow the application to select the ideal balance of remote wakeup functionality and power consumption. SUSPEND0: Supports GPIO, “Wake On LAN”, and “Magic Packet” remote wakeup events. This suspend state reduces power by stopping the clocks of the MAC and other internal modules. SUSPEND1: Supports GPIO and “Link Status Change” for remote wakeup events. This suspend state consumes less power than SUSPEND0. SUSPEND2: Supports only GPIO assertion for a remote wakeup event. This is the default suspend mode for the LAN9513/LAN9513i. |