| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F413VG bảng dữ liệu(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413VG bảng dữ liệu(HTML) 69 Page - STMicroelectronics |
|
69 / 207 page ![]() PE0 - - TIM4_ ETR DFSDM2_ CKIN4 -- - - UART8_ Rx -- - FSMC_ NBL0 -- EVENT OUT PE1 - - - DFSDM2_ DATIN4 -- - - UART8_ Tx -- - FSMC_ NBL1 -- EVENT OUT PE2 TRACE CLK -- - - SPI4_SCK /I2S4_CK SPI5_SCK/ I2S5_CK SAI1_ MCLK_A - QUADSPI_ BK1_IO2 - UART10 _RX FSMC_A23 - - EVENT OUT PE3 TRACE D0 - - - - - - SAI1_SD_B - - - UART10 _TX FSMC_A19 - - EVENT OUT PE4 TRACE D1 -- - - SPI4_NSS/ I2S4_WS SPI5_NSS/ I2S5_WS SAI1_SD_A DFSDM1_ DATIN3 - - - FSMC_A20 - - EVENT OUT PE5 TRACE D2 - - TIM9_CH1 - SPI4_MISO SPI5_MISO SAI1_SCK_ A DFSDM1_ CKIN3 - - - FSMC_A21 - - EVENT OUT PE6 TRACE D3 - - TIM9_CH2 - SPI4_MOSI/ I2S4_SD SPI5_MOSI/ I2S5_SD SAI1_FS_A - - - - FSMC_A22 - - EVENT OUT PE7 - TIM1_ETR - - - - DFSDM1_ DATIN2 - UART7_ Rx - QUADSPI_ BK2_IO0 - FSMC_D4/F SMC_DA4 -- EVENT OUT PE8 - TIM1_ CH1N -- - - DFSDM1_ CKIN2 - UART7_ Tx - QUADSPI_ BK2_IO1 - FSMC_D5/F SMC_DA5 -- EVENT OUT PE9 - TIM1_CH1 - - - - DFSDM1_ CKOUT -- - QUADSPI_ BK2_IO2 - FSMC_D6/F SMC_DA6 -- EVENT OUT PE10 - TIM1_CH2 N - DFSDM2_ DATIN0 -- - - - - QUADSPI_ BK2_IO3 - FSMC_D7/F SMC_DA7 -- EVENT OUT PE11 - TIM1_CH2 - DFSDM2_ CKIN0 - SPI4_NSS/ I2S4_WS SPI5_NSS/ I2S5_WS -- - - - FSMC_D8/F SMC_DA8 -- EVENT OUT PE12 - TIM1_ CH3N - DFSDM2_ DATIN7 - SPI4_SCK/ I2S4_CK SPI5_SCK/ I2S5_CK -- - - - FSMC_D9/F SMC_DA9 -- EVENT OUT PE13 - TIM1_CH3 - DFSDM2_ CKIN7 - SPI4_MISO SPI5_MISO - - - - - FSMC_D10/ FSMC_ DA10 -- EVENT OUT PE14 - TIM1_CH4 - - - SPI4_MOSI/ I2S4_SD SPI5_MOSI/ I2S5_SD -- - DFSDM2_ DATIN1 - FSMC_D11/F SMC_ DA11 -- EVENT OUT PE15 - TIM1_BKI N -- - - - - - - DFSDM2_ CKIN1 - FSMC_D12/ FSMC_ DA12 -- EVENT OUT Table 11. STM32F413xG/H alternate functions (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_ AF TIM1/2/ LPTIM1 TIM3/4/5 DFSDM2/ TIM8/9/10/11 I2C1/2/3/ I2CFMP1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4 SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4/ SPI5/I2S5/ DFSDM1/2 SPI3/I2S3/ SAI1/ DFSDM2/ USART1/ USART2/ USART3 DFSDM1/ USART3/4/ 5/6/7/8/ CAN1 I2C2/I2C3/ I2CFMP1/ CAN1/2/ TIM12/13/14/ QUADSPI SAI1/ DFSDM1/ DFSDM2/ QUADSPI/ FSMC /OTG1_FS UART4/ UART5/ UART9/ UART10 /CAN3 FSMC /SDIO - RNG SYS_ AF |