công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP79402-I/ST bảng dữ liệu(PDF) 43 Page - Microchip Technology

tên linh kiện MCP79402-I/ST
Giải thích chi tiết về linh kiện  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402-I/ST bảng dữ liệu(HTML) 43 Page - Microchip Technology

Back Button MCP79402-I/ST Datasheet HTML 39Page - Microchip Technology MCP79402-I/ST Datasheet HTML 40Page - Microchip Technology MCP79402-I/ST Datasheet HTML 41Page - Microchip Technology MCP79402-I/ST Datasheet HTML 42Page - Microchip Technology MCP79402-I/ST Datasheet HTML 43Page - Microchip Technology MCP79402-I/ST Datasheet HTML 44Page - Microchip Technology MCP79402-I/ST Datasheet HTML 45Page - Microchip Technology MCP79402-I/ST Datasheet HTML 46Page - Microchip Technology MCP79402-I/ST Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 43
MCP79400/MCP79401/MCP79402
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead SOIC (3.90 mm)
Example
XXXXXXXT
XXXXYYWW
NNN
8-Lead TSSOP
Example
79400I
SN
1633
13F
Example
XXXX
TYWW
NNN
XXXXXT
YWWNNN
9400
I633
13F
79400I
63313F
3
e
8-Lead 2x3 TDFN
XXX
YWW
NN
Example
Part Number
1st Line Marking Codes
SOIC
TSSOP
MSOP
TDFN
MCP79400
79400T
9400
79400T
AAS
MCP79401
79401T
9401
79401T
AAT
MCP79402
79402T
9402
79402T
AAU
T = Temperature grade
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
JEDEC® designator for Matte Tin (Sn)
*
This package is RoHs compliant. The JEDEC® designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
AAS
633
13
8-Lead MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com