công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC4404 bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện TC4404
Giải thích chi tiết về linh kiện  1.5A Dual Open-Drain MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404 bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button TC4404_16 Datasheet HTML 5Page - Microchip Technology TC4404_16 Datasheet HTML 6Page - Microchip Technology TC4404_16 Datasheet HTML 7Page - Microchip Technology TC4404_16 Datasheet HTML 8Page - Microchip Technology TC4404_16 Datasheet HTML 9Page - Microchip Technology TC4404_16 Datasheet HTML 10Page - Microchip Technology TC4404_16 Datasheet HTML 11Page - Microchip Technology TC4404_16 Datasheet HTML 12Page - Microchip Technology TC4404_16 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2002-2016 Microchip Technology Inc.
DS20001418E-page 9
TC4404/TC4405
4.0
APPLICATIONS INFORMATION
4.1
Circuit Layout Guidelines
Long power supply and ground traces should be
avoided as the added inductance causes unwanted
voltage transients. Power and ground planes should be
used wherever possible.
In addition, it is advisable that low ESR (Equivalent
Series Resistance) bypass capacitors (4.7 µF or 10 µF
tantalum) be placed as close to the driver as possible.
In order to minimize the length of the output trace, the
driver should be physically located as close as possible
to the device it is driving.
FIGURE 4-1:
Switching Time Test Circuit.
4.2
Typical Applications
FIGURE 4-2:
Zero Crossover Current
Totem-Pole Switch.
FIGURE 4-3:
Driving Bipolar Transistors.
CL = 1000 pF
+5V
10%
90%
10%
90%
10%
90%
18V
0V
0V
90%
10%
10%
10%
90%
+5V
18V
0V
0V
90%
4
28.7
1
1
2
0.1µF
4.7µF
Inverting Driver
Noninverting Driver
Input
VDD = 18V
Input
Output
tD1
tF
tR
tD2
Input: 100 kHz,
square wave,
tRISE = tFALL  10 ns
Output
Input
Output
tD1
tF
tR
tD2
RT
RT
VDD
(4.5V - 18V)
From TTL
GND
VOUT
TC4404
GND
TC4405
VDD
(4.5V - 18V)
From TTL
RIB
RIB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com