công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T89C51RC2-3CSIL bảng dữ liệu(PDF) 7 Page - ATMEL Corporation

tên linh kiện T89C51RC2-3CSIL
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIL bảng dữ liệu(HTML) 7 Page - ATMEL Corporation

  T89C51RC2-3CSIL Datasheet HTML 1Page - ATMEL Corporation T89C51RC2-3CSIL Datasheet HTML 2Page - ATMEL Corporation T89C51RC2-3CSIL Datasheet HTML 3Page - ATMEL Corporation T89C51RC2-3CSIL Datasheet HTML 4Page - ATMEL Corporation T89C51RC2-3CSIL Datasheet HTML 5Page - ATMEL Corporation T89C51RC2-3CSIL Datasheet HTML 6Page - ATMEL Corporation T89C51RC2-3CSIL Datasheet HTML 7Page - ATMEL Corporation T89C51RC2-3CSIL Datasheet HTML 8Page - ATMEL Corporation T89C51RC2-3CSIL Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev. B - 30-Mar-01
7
Preliminary
T89C51RB2/RC2
Mnemonic
Pin Number
Type
Name and Function
DIL
LCC
VQFP44
1.4
P2.0-P2.7
21-28
24-31
18-25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups.
Port 2 pins that have 1s written to them are pulled high by the internal
pull-ups and can be used as inputs. As inputs, Port 2 pins that are
externally pulled low will source current because of the internal pull-
ups. Port 2 emits the high-order address byte during fetches from external
program memory and during accesses to external data memory that use
16-bit addresses (MOVX @DPTR).In this application, it uses strong
internal pull-ups emitting 1s. During accesses to external data memory
that use 8-bit addresses (MOVX @Ri), port 2 emits the contents of the
P2 SFR. Some Port 2 pins receive the high order address bits during
EPROM programming and verification:
P2.0 to P2.5 for 16Kb devices
P2.0 to P2.6 for 32Kb devices
P3.0-P3.7
10-17
11,
13-19
5,
7-13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups.
Port 3 pins that have 1s written to them are pulled high by the internal
pull-ups and can be used as inputs. As inputs, Port 3 pins that are
externally pulled low will source current because of the internal pull-
ups. Port 3 also serves the special features of the 80C51 family, as listed
below.
10
11
5
I
RXD (P3.0): Serial input port
11
13
7
O
TXD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt 0
13
15
9
I
INT1 (P3.3): External interrupt 1
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
RST
9
10
4
I/O
Reset: A high on this pin for two machine cycles while the oscillator is
running, resets the device. An internal diffused resistor to VSS permits
a power-on reset using only an external capacitor to VCC. This pin is
an output when the hardware watchdog forces a system reset.
ALE/PROG
30
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the
low byte of the address during an access to external memory. In normal
operation, ALE is emitted at a constant rate of 1/6 (1/3 in X2 mode) the
oscillator frequency, and can be used for external timing or clocking.
Note that one ALE pulse is skipped during each access to external data
memory. This pin is also the program pulse input (PROG) during Flash
programming. ALE can be disabled by setting SFR’s AUXR.0 bit. With
this bit set, ALE will be inactive during internal fetches.
PSEN
29
32
26
O
Program Strobe ENable: The read strobe to external program memory.
When executing code from the external program memory, PSEN is
activated twice each machine cycle, except that two PSEN activations
are skipped during each access to external data memory. PSEN is not
activated during fetches from internal program memory.
EA
31
35
29
I
External Access Enable: EA must be externally held low to enable the
device to fetch code from external program memory locations 0000H to
FFFFH (RD). If security level 1 is programmed, EA will be internally
latched on Reset.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com