| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS94201 bảng dữ liệu(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94201 bảng dữ liệu(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 18 page ![]() 5 ICS94201 Byte 0: Functionality and frequency select register (Default=0) Notes: 1. Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3. t i B n o i t p i r c s e D D W P t i B ) 4 : 7 , 2 ( 2 t i B7 t i B6 t i B5 t i B4 t i B F E R / O C V r e d i v i D O C V z H M / O C V U P C K L C U P C z H M M A R D S z H M 6 6 V 3 z H M K L C I C P z H M C I P A O I z H M 1 e t o N 4 S F3 S F2 S F1 S F0 S F 000 0 0 8 1 / 1 0 52 5 . 8 9 36 3 4 . 6 65 6 . 9 93 4 . 6 61 2 . 3 31 6 . 6 1 000 0 1 4 1 / 2 5 30 0 . 0 6 36 0 0 . 0 60 0 . 0 90 0 . 0 60 0 . 0 30 0 . 5 1 000 1 0 8 1 / 4 0 51 9 . 0 0 46 0 8 . 6 60 2 . 0 0 10 8 . 6 60 4 . 3 30 7 . 6 1 000 1 1 1 1 / 5 1 32 0 . 0 1 46 3 3 . 8 60 5 . 2 0 13 3 . 8 67 1 . 4 38 0 . 7 1 00 1 0 0 5 1 / 0 4 40 0 . 0 2 46 0 0 . 0 70 0 . 5 0 10 0 . 0 70 0 . 5 30 5 . 7 1 00 1 0 1 4 1 / 0 4 40 0 . 0 5 46 0 0 . 5 70 5 . 2 1 10 0 . 5 70 5 . 7 35 7 . 8 1 00 1 1 0 5 1 / 3 0 54 1 . 0 8 46 0 0 . 0 80 0 . 0 2 10 0 . 0 80 0 . 0 40 0 . 0 2 00 1 1 1 9 / 3 1 35 9 . 7 9 46 0 0 . 3 80 5 . 4 2 10 0 . 3 80 5 . 1 45 7 . 0 2 01 0 0 0 7 3 / 5 1 59 2 . 9 9 12 5 6 . 9 95 6 . 9 93 4 . 6 61 2 . 3 31 6 . 6 1 01 0 0 1 5 3 / 0 4 49 2 . 0 8 12 0 0 . 0 90 0 . 0 90 0 . 0 60 0 . 0 30 0 . 5 1 01 0 1 0 7 3 / 8 1 55 4 . 0 0 22 3 2 . 0 0 13 2 . 0 0 14 8 . 6 61 4 . 3 30 7 . 6 1 01 0 1 1 1 3 / 6 4 40 0 . 6 0 22 0 0 . 3 0 10 0 . 3 0 17 6 . 8 63 3 . 4 37 1 . 7 1 01 1 0 0 3 3 / 4 8 40 0 . 0 1 22 0 0 . 5 0 10 0 . 5 0 10 0 . 0 70 0 . 5 30 5 . 7 1 01 1 0 1 3 3 / 7 0 58 9 . 9 1 22 0 0 . 0 1 10 0 . 0 1 13 3 . 3 77 6 . 6 33 3 . 8 1 01 1 1 0 2 3 / 4 1 59 9 . 9 2 22 0 0 . 5 1 10 0 . 5 1 17 6 . 6 73 3 . 8 37 1 . 9 1 01 1 1 1 6 1 / 7 4 41 0 . 0 0 42 0 0 . 0 0 20 0 . 0 0 23 3 . 3 3 16 6 . 6 63 3 . 3 3 10 0 0 0 8 1 / 1 0 52 5 . 8 9 33 6 8 . 2 3 16 8 . 2 3 13 4 . 6 61 2 . 3 31 6 . 6 1 10 0 0 1 3 1 / 4 5 43 0 . 0 0 53 7 6 . 6 6 17 6 . 6 6 14 3 . 3 87 6 . 1 43 8 . 0 2 10 0 1 0 8 1 / 4 0 51 9 . 0 0 43 4 6 . 3 3 14 6 . 3 3 12 8 . 6 61 4 . 3 30 7 . 6 1 10 0 1 1 7 1 / 8 8 42 0 . 1 1 43 0 0 . 7 3 10 0 . 7 3 10 5 . 8 65 2 . 4 33 1 . 7 1 10 1 0 0 5 1 / 0 4 40 0 . 0 2 43 0 0 . 0 4 10 0 . 0 4 10 0 . 0 70 0 . 5 30 5 . 7 1 10 1 0 1 3 1 / 5 9 35 0 . 5 3 43 0 0 . 5 4 10 0 . 5 4 10 5 . 2 75 2 . 6 33 1 . 8 1 10 1 1 0 4 1 / 0 4 40 0 . 0 5 43 0 0 . 0 5 10 0 . 0 5 10 0 . 5 70 5 . 7 35 7 . 8 1 10 1 1 1 5 1 / 3 0 54 1 . 0 8 43 0 0 . 0 6 10 0 . 0 6 10 0 . 0 80 0 . 0 40 0 . 0 2 11 0 0 0 8 1 / 1 0 52 5 . 8 9 33 6 8 . 2 3 15 6 . 9 93 9 . 6 61 2 . 3 31 6 . 6 1 11 0 0 1 3 1 / 4 5 43 0 . 0 0 53 7 6 . 6 6 10 0 . 5 2 14 3 . 3 87 6 . 1 43 8 . 0 2 11 0 1 0 8 1 / 4 0 51 9 . 0 0 43 4 6 . 3 3 13 2 . 0 0 12 8 . 6 61 4 . 3 37 . 6 1 11 0 1 1 7 1 / 8 8 42 0 . 1 1 43 0 0 . 7 3 15 7 . 2 0 10 5 . 8 65 2 . 4 33 1 . 7 1 111 0 0 5 1 / 0 4 40 0 . 0 2 43 0 0 . 0 4 10 0 . 5 0 10 0 . 0 70 0 . 5 30 5 . 7 1 111 0 1 3 1 / 5 9 35 0 . 5 3 43 0 0 . 5 4 15 7 . 8 0 10 5 . 2 75 2 . 6 33 1 . 8 1 111 1 0 4 1 / 0 4 40 0 . 0 5 43 0 0 . 0 5 10 5 . 2 1 10 0 . 5 70 5 . 7 35 7 . 8 1 111 1 1 5 1 / 3 0 54 1 . 0 8 43 0 0 . 0 6 10 0 . 0 2 10 0 . 0 80 0 . 0 40 0 . 0 2 3 t i B s t u p n i d e h c t a l , t c e l e s e r a w d r a h y b d e t c e l e s s i y c n e u q e r F - 0 4 : 7 , 2 t i B y b d e t c e l e s s i y c n e u q e r F - 1 0 1 t i B l a m r o N - 0 d a e r p S r e t n e C % 5 3 . 0 ± e l b a n e m u r t c e p s d a e r p S - 1 1 0 t i B g n i n n u R - 0 s t u p t u o l l a e t a t s i r T - 1 0 |